Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25L080 Datasheet(PDF) 32 Page - AMIC Technology

Part # A25L080
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L080 Datasheet(HTML) 32 Page - AMIC Technology

Back Button A25L080 Datasheet HTML 28Page - AMIC Technology A25L080 Datasheet HTML 29Page - AMIC Technology A25L080 Datasheet HTML 30Page - AMIC Technology A25L080 Datasheet HTML 31Page - AMIC Technology A25L080 Datasheet HTML 32Page - AMIC Technology A25L080 Datasheet HTML 33Page - AMIC Technology A25L080 Datasheet HTML 34Page - AMIC Technology A25L080 Datasheet HTML 35Page - AMIC Technology A25L080 Datasheet HTML 36Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
A25L016 Series
(April, 2008, Version 0.0)
31
AMIC Technology Corp.
Table 12. DC Characteristics
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
± 2
µA
ILO
Output Leakage Current
± 2
µA
ICC1
Standby Current
S = V
CC, VIN = VSS or VCC
5
µA
ICC2
Deep Power-down Current
S = V
CC, VIN = VSS or VCC
5
µA
C= 0.1VCC / 0.9.VCC at 50MHz, DO = open
30
mA
ICC3
Operating Current (READ)
C= 0.1VCC / 0.9.VCC at 33MHz, DO = open
25
mA
ICC4
Operating Current (PP)
S = V
CC
15
mA
ICC5
Operating Current (WRSR)
S = V
CC
15
mA
ICC6
Operating Current (SE)
S = V
CC
15
mA
ICC7
Operating Current (BE)
S = V
CC
15
mA
VIL
Input Low Voltage
–0.5
0.3VCC
V
VIH
Input High Voltage
0.7VCC
VCC+0.4
V
VOL
Output Low Voltage
IOL = 1.6mA
0.4
V
VOH
Output High Voltage
IOH = –100µA
VCC–0.2
V
Note: 1. This is preliminary data at 85°C
Table 13.
Instruction Times
Symbol
Alt.
Parameter
Min.
Typ.
Max.
Unit
tW
Write Status Register Cycle Time
5
15
ms
tPP
Page Program Cycle Time
0.8
2.4
ms
tSE
Sector Erase Cycle Time
0.06
0.24
s
tBE
Block Erase Cycle Time
0.5
2
s
tCE
Chip Erase Cycle Time
16
64
s
Note: 1. At 85°C
2. This is preliminary data
Table 14. AC Measurement Conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
30
pF
Input Rise and Fall Times
5
ns
Input Pulse Voltages
0.2VCC to 0.8VCC
V
Input Timing Reference Voltages
0.3VCC to 0.7VCC
V
Output Timing Reference Voltages
VCC / 2
V
Note: Output Hi-Z is defined as the point where data out is no longer driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com