Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4088 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT4088
Description  28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4088 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT4088 Datasheet HTML 1Page - Active-Semi, Inc ACT4088 Datasheet HTML 2Page - Active-Semi, Inc ACT4088 Datasheet HTML 3Page - Active-Semi, Inc ACT4088 Datasheet HTML 4Page - Active-Semi, Inc ACT4088 Datasheet HTML 5Page - Active-Semi, Inc ACT4088 Datasheet HTML 6Page - Active-Semi, Inc ACT4088 Datasheet HTML 7Page - Active-Semi, Inc ACT4088 Datasheet HTML 8Page - Active-Semi, Inc ACT4088 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ACT4088
Rev0, 13-May-08
Innovative PowerTM
- 4 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(Circuit of Figure 2, VIN = 12V, L = 4.7µH, C1 = 10µF, C2 = 22µF, TA = +25°C, unless otherwise specified.)
Temperature (°C)
FB Voltage vs. Temperature
800
804
808
812
816
820
-40
-20
0
20
40
60
80
100
120
Oscillator Frequency vs. Temperature
1.20
1.30
1.40
1.50
1.60
Efficiency vs. Load Current
50
75
85
55
65
0.1
1
10
Efficiency vs. Load Current
95
VIN = 12V
VOUT = 5V
VOUT = 3.3V
Duty Cycle
Peak Current Limit vs. Duty Cycle
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
80
100
Input Voltage (V)
Shutdown Current vs. Input Voltage
0
5
10
15
20
30
0
4
8
24
28
Load Current (A)
VIN = 24V
VIN = 18V
0.1
1
10
Load Current (A)
50
75
85
55
65
95
VIN = 24V
VIN = 18V
VIN = 12V
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
3.0
60
25
Sup
ply
Cur
ren
t
EN Pull-up Current
16
12
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com