Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4088 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT4088
Description  28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4088 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT4088 Datasheet HTML 3Page - Active-Semi, Inc ACT4088 Datasheet HTML 4Page - Active-Semi, Inc ACT4088 Datasheet HTML 5Page - Active-Semi, Inc ACT4088 Datasheet HTML 6Page - Active-Semi, Inc ACT4088 Datasheet HTML 7Page - Active-Semi, Inc ACT4088 Datasheet HTML 8Page - Active-Semi, Inc ACT4088 Datasheet HTML 9Page - Active-Semi, Inc ACT4088 Datasheet HTML 10Page - Active-Semi, Inc ACT4088 Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ACT4088
Rev0, 13-May-08
Innovative PowerTM
- 8 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
Soft-Start
The ACT4088 provides an internal soft-start fea-
ture, which ramps the output voltage and output
current are from 0 to the full value over 0.5 millisec-
onds. This feature prevents output voltage over-
shoot at light loads as well as to prevent large in-
rush currents upon startup. The soft-start circuitry is
internally reset anytime the IC is disabled using the
EN pin, as well as if the IC reaches hiccup mode or
thermal shutdown. In all of these cases, soft-start
provides a smooth, controlled restart after the fault
is removed.
Frequency Foldback
The voltage at FB is monitored by a comparator to
detect an extreme output overload condition. If the
voltage at the FB pin falls to below 0.3V, the inter-
nal oscillator slows to a decreased frequency of
467kHz, 33% of the nominal value. This prevents
the inductor current from rising excessively during a
dead-short condition, potentially resulting in induc-
tor saturation.
Figure 2:
ACT4088 Typical 5V/1.5A Output Application
ACT4088
IN
EN
BST
SW
FB
G
C1
10µF
D1
B240A
C3
22nF
L1
4.7µH
C2
22µF
VOUT
5V
VIN
RFB2
RFB1
49.9kO
1%
9.53kO
1%
6
5
4
3
2
1
OFF
ON
D2
1N4148
(Optional)
Optional Connection:
IN if VIN < 5.5V
OUT if VOUT < 5.5V
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com