Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4088 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT4088
Description  28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4088 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT4088 Datasheet HTML 3Page - Active-Semi, Inc ACT4088 Datasheet HTML 4Page - Active-Semi, Inc ACT4088 Datasheet HTML 5Page - Active-Semi, Inc ACT4088 Datasheet HTML 6Page - Active-Semi, Inc ACT4088 Datasheet HTML 7Page - Active-Semi, Inc ACT4088 Datasheet HTML 8Page - Active-Semi, Inc ACT4088 Datasheet HTML 9Page - Active-Semi, Inc ACT4088 Datasheet HTML 10Page - Active-Semi, Inc ACT4088 Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ACT4088
Rev0, 13-May-08
Innovative PowerTM
- 11 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each
product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use
as critical components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of
the use of any product or circuit described in this datasheet, nor does it convey any patent license.
Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact
sales@active-semi.com or visit http://www.active-semi.com. For other inquiries, please send to:
1270 Oakmead Parkway, Suite 310, Sunnyvale, California 94085-4044, USA
PACKAGE OUTLINE
SOT23-6 PACKAGE OUTLINE AND DIMENSIONS
θ
D
b
e
e1
c
0.2
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.500
0.012
0.020
c
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.037 TYP
e1
1.800
2.000
0.071
0.079
L
0.700 REF
0.028 REF
L1
0.300
0.600
0.012
0.024
θ
0°
8°
0°
8°
0.950 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com