Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4088 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT4088
Description  28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4088 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT4088 Datasheet HTML 3Page - Active-Semi, Inc ACT4088 Datasheet HTML 4Page - Active-Semi, Inc ACT4088 Datasheet HTML 5Page - Active-Semi, Inc ACT4088 Datasheet HTML 6Page - Active-Semi, Inc ACT4088 Datasheet HTML 7Page - Active-Semi, Inc ACT4088 Datasheet HTML 8Page - Active-Semi, Inc ACT4088 Datasheet HTML 9Page - Active-Semi, Inc ACT4088 Datasheet HTML 10Page - Active-Semi, Inc ACT4088 Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ACT4088
Rev0, 13-May-08
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
CH1: ILOAD, 500mA/div
CH2: VOUT, 100mV/div (AC Coupled)
TIME: 200µs/div
CH1
CH2
Circuit of Figure 3
ILOAD = 150mA to 850mA
CH1: VSW, 10V/div
CH2: VOUT, 20mV/div (AC Coupled)
TIME: 400ns/div
Circuit of Figure 3
ILOAD = 1A
Figure 3:
ACT4088 Optimized for Minimal External Components
The ACT4088 with provides excellent AC and DC results across a wide range of external component combinations. The circuit of
Figure 3 can be used to generate a 5V output from a 12V input utilizing a smaller (i.e. lower-cost) output capacitor while maintaining
good performance.
CH1
CH2
Figure 4:
Circuit of Figure 3 (ILOAD = 150mA to 850mA)
Figure 5:
Circuit of Figure 3 (ILOAD = 1A)
ACT4088
IN
EN
BST
SW
FB
G
C1
10µF
D1
B240A
C3
22nF
L1
4.7µH
C2
4.7µF
VOUT
5V
VIN
RFB2
RFB1
150k?
1%
28.7k?
1%
6
5
4
3
2
1
OFF
ON
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com