Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDFMA2P853 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDFMA2P853
Description  Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDFMA2P853 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDFMA2P853_08 Datasheet HTML 1Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 2Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 3Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 4Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 5Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 6Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDFMA2P853 Rev. D
2 (W)
3
Electrical Characteristics T
A = 25°C unless otherwise noted
Notes:
1. R JA is determined with the device mounted on a 1 in
2 oz. copper pad on a 1.5 x 1.5 in. board of FR-4 material. R
JC is guaranteed by
design while R JA is determined by the user's board design.
(a) MOSFET R JA = 86°C/W when mounted on a 1 in
2 pad of 2 oz copper, 1.5" x 1.5" x 0.062" thick PCB
(b) MOSFET R JA = 173°C/W when mounted on a minimum pad of 2 oz copper
(c) Schottky R JA = 86°C/W when mounted on a 1 in
2 pad of 2 oz copper, 1.5" x 1.5" x 0.062" thick PCB
(d) Schottky R JA = 140°C/W when mounted on a minimum pad of 2 oz copper
a) 86oC/W
when
mounted
on a 1in2
pad of 2 oz
copper
b) 173oC/W
when
mounted on
a minimum
pad of
2 oz copper
Scale 1: 1 on letter size paper
2. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%
c) 86oC/W
when
mounted
on a 1in2
pad of 2 oz
copper
d) 140oC/W
when
mounted on
a minimum
pad of
2 oz copper



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com