Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDFMA2P853 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDFMA2P853
Description  Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDFMA2P853 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDFMA2P853_08 Datasheet HTML 1Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 2Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 3Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 4Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 5Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 6Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©200
8 Fairchild Semiconductor Corporation
FDFMA2P853 Rev. D
2 (W)
1
FDFMA2P853
Integrated P-Channel PowerTrench® MOSFET and Schottky Diode
General Description
Features
This device is designed specifically as a single package
solution for the battery charge switch in cellular handset
and other ultra-portable applications. It features a MOSFET
with low on-state resistance and an independently
connected low forward voltage schottky diode for minimum
conduction losses.
The MicroFET 2x2 package offers exceptional thermal
perfo
rmance for it's physica
l size and is well suited to linear
mode applications.
MOSFET:
-3.0 A, -20V. RDS(ON) = 120 m
@ VGS = -4.5 V
RDS(ON) = 160 m
@ VGS = -2.5 V
RDS(ON) = 240 m
@ VGS = -1.8 V
Schottky:
VF < 0.46 V @ 500 mA
Low Profile - 0.8 mm maximun - in the new package
MicroFET 2x2 mm
RoHS Compliant
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
MOSFET Drain-Source Voltage
-20
V
VGSS
MOSFET Gate-Source Voltage
8V
ID
Drain Current -Continuous
(Note 1a)
-Pulsed
-
3.0
A
-6
VRRM
Schottky Repetitive Peak Reverse voltage
30V
IO
Schottky Average Forward Current
(Note 1a)
1
A
PD
Power dissipation for Single Operation
(Note 1a)
Power dissipation for Single Operation
(Note 1b)
1.4
W
0.7
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
oC
R JA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
86
oC/W
R JA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
173
R JA
Thermal Resistance, Junction-to-Ambient
(Note 1c)
86
R JA
Thermal Resistance, Junction-to-Ambient
(Note 1d)
140
Device Marking
Device
Reel Size
Tape Width
Quantity
.853
FDFMA2P853
7inch
8mm
3000 units
5
1
6
2
3
4
MicroFET
C
A
G
NC D
S
C
G
S
A
NC
D
C
D
September 2008
September 2008


Similar Part No. - FDFMA2P853_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFMA2P853 FAIRCHILD-FDFMA2P853_06 Datasheet
251Kb / 7P
Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
More results

Similar Description - FDFMA2P853_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFS2P753Z FAIRCHILD-FDFS2P753Z Datasheet
338Kb / 7P
Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFM2P110_0508 FAIRCHILD-FDFM2P110_0508 Datasheet
277Kb / 7P
Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2P853 FAIRCHILD-FDFMA2P853_06 Datasheet
251Kb / 7P
Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFS2P753AZ FAIRCHILD-FDFS2P753AZ Datasheet
236Kb / 7P
Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode -30V, -3A, 115m廓
FDFMA2P029Z FAIRCHILD-FDFMA2P029Z_08 Datasheet
304Kb / 8P
Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.1A, 95m
FDFMA2P857 FAIRCHILD-FDFMA2P857_08 Datasheet
602Kb / 8P
Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.0A, 120m廓
FDFMA3N109 FAIRCHILD-FDFMA3N109_08 Datasheet
689Kb / 7P
Integrated N-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2P853T FAIRCHILD-FDFMA2P853T Datasheet
357Kb / 8P
Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA3P029Z FAIRCHILD-FDFMA3P029Z Datasheet
353Kb / 8P
Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFME2P823ZT FAIRCHILD-FDFME2P823ZT Datasheet
275Kb / 8P
Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com