Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDFMA2P853 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDFMA2P853
Description  Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDFMA2P853 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDFMA2P853_08 Datasheet HTML 1Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 2Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 3Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 4Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 5Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 6Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDFMA2P853 Rev. D
2 (W)
5
Figure 7.
0
1
2
3
4
5
01
23
4
5
Qg, GATE CHARGE (nC)
ID = -3.0A
VDS = -5V
-15V
-10V
Gate Charge Characteristics
Figure 8.
0
100
200
300
400
500
600
700
0
4
8
121620
-V
DS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Crss
Coss
f = 1MHz
VGS = 0 V
Capacitance Characteristics
Figure 9.
0.001
0.01
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VF, FORWARD VOLTAGE (V)
TJ = 25
oC
TJ = 125
oC
Schottky Diode Forward Voltage
Figure 10.
0.000001
0.00001
0.0001
0.001
0.01
0
5
10
15
20
VR, REVERSE VOLTAGE (V)
TJ = 25
oC
TJ = 125
oC
TJ = 85
oC
Schottky Diode Reverse Current
Figure 11. Transient Thermal Response Curve
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.
Typical Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com