Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDFMA2P853 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDFMA2P853
Description  Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDFMA2P853 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDFMA2P853_08 Datasheet HTML 1Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 2Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 3Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 4Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 5Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 6Page - Fairchild Semiconductor FDFMA2P853_08 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDFMA2P853 Rev.
D2 (W)
4
Typical Characteristics
Figure 1.
0
1
2
3
4
5
6
00.5
11.522.5
-VDS, DRAIN-SOURCE VOLTAGE (V)
-2.5V
-2.0V
VGS = -4.5V
-3.0V
-3.5V
-1.8V
-1.5V
On-Region Characteristics
Figure 2.
0.6
1
1.4
1.8
2.2
2.6
3
01
23456
-ID, DRAIN CURRENT (A)
VGS = -1.5V
-3.5V
-4.5V
-3.0V
-1.8V
-2.5V
-2.0V
On-Resistance Variation with
Drain Current and Gate Voltage
Figure 3.
0.8
0.9
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -3.0A
VGS = -4.5V
On-Resistance Variation with
Temperature
Figure 4.
0.04
0.1
0.16
0.22
0.28
02
4
68
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -1.5A
TA = 125
oC
TA = 25
oC
On-Resistance Variation with
Gate-to-Source Voltage
Figure 5. Transfer Characteristics
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VDS = -5V
Figure 6.
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
-V
SD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Body Diode Forward Voltage Variation
with Source Current and Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com