Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC12HDYC Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPC12HDYC
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12HDYC Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPC12HDYC Datasheet HTML 11Page - STMicroelectronics STPC12HDYC Datasheet HTML 12Page - STMicroelectronics STPC12HDYC Datasheet HTML 13Page - STMicroelectronics STPC12HDYC Datasheet HTML 14Page - STMicroelectronics STPC12HDYC Datasheet HTML 15Page - STMicroelectronics STPC12HDYC Datasheet HTML 16Page - STMicroelectronics STPC12HDYC Datasheet HTML 17Page - STMicroelectronics STPC12HDYC Datasheet HTML 18Page - STMicroelectronics STPC12HDYC Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 111 page
background image
PIN DESCRIPTION
Issue 1.0 - July 24, 2002
15/111
ISA BUS INTERFACE
LA[23:17]
O BD8STRUP_FT
Unlatched Address Bus
7
SA[19:0]
O BD8STRUP_FT
Latched Address Bus
20
SD[15:0]
I/O BD8STRP_FT
Data Bus
16
IOCHRDY
I
BD8STRUP_FT
I/O Channel Ready
1
ALE
O BD4STRP_FT
Address Latch Enable
1
BHE#
O BD8STRUP_FT
System Bus High Enable
1
MEMR#, MEMW#
I/O BD8STRUP_FT
Memory Read & Write
2
SMEMR#, SMEMW#
O BD8STRP_FT
System Memory Read and Write
2
IOR#, IOW#
I/O BD8STRUP_FT
I/O Read and Write
2
MASTER#
I
BD4STRUP_FT
Add On Card Owns Bus
1
MCS16#
I
BD4STRUP_FT
Memory Chip Select 16
1
IOCS16#
I
BD4STRUP_FT
I/O Chip Select 16
1
REF#
I
BD8STRP_FT
Refresh Cycle
1
AEN
O BD8STRUP_FT
Address Enable
1
IOCHCK#
I
BD4STRUP_FT
I/O Channel Check (ISA)
1
RTCRW#
O BD4STRP_FT
RTC Read / Write#
1
RTCDS#
O BD4STRP_FT
RTC Data Strobe
1
RTCAS
O BD4STRP_FT
RTC Address Strobe
1
RMRTCCS#
O BD4STRP_FT
ROM / RTC Chip Select
1
GPIOCS#
I/O BD4STRP_FT
General Purpose Chip Select
1
IRQ_MUX[3:0]
I
BD4STRP_FT
Multiplexed Interrupt Request
4
DACK_ENC[2:0]
O BD4STRP_FT
DMA Acknowledge
3
DREQ_MUX[1:0]
I
BD4STRP_FT
Multiplexed DMA Request
2
TC
O BD4STRP_FT
ISA Terminal Count
1
ISAOE#
I
BD4STRP_FT
ISA (0) / IDE (1) SELECTION
1
KBCS#
I/O BD4STRP_FT
External Keyboard CHIP SELECT
1
ZWS#
I
BD4STRP_FT
ZERO WAIT STATE
1
PCMCIA INTERFACE
RESET
O BD8STRP_FT
Reset
1
A[23:0]
O BD8STRUP_FT
Address Bus
24
D[15:0]
I/O BD8STRP_FT
Data Bus
16
IORD#, IOWR#
O BD8STRUP_FT
I/O Read and Write
2
WP / IOIS16#
I
BD4STRUP_FT
DMA Request // Write Protect
I/O Size is 16 bit
1
BVD2, BVD1
I
BD4STRUP_FT
Battery Voltage Detect
2
READY# / IREQ#
I
BD4STRUP_FT
Busy / Ready# // Interrupt Request
1
WAIT#
I
BD8STRUP_FT
Wait
1
OE#
O BD8STRUP_FT
Output Enable // DMA Terminal Count
1
WE#
O BD4STRP_FT
Write Enable // DMA Terminal Count
1
REG#
O BD4STRUP_FT
DMA Acknowledge // Register
1
CD2#, CD1#
I
BD4STRUP_FT
Card Detect
2
CE2#, CE1#
O BD4STRP_FT
Card Enable
2
VCC5_EN
O BD4STRP_FT
Power Switch control: 5 V power
1
VCC3_EN
O BD8STRP_FT
Power Switch control: 3.3 V power
1
VPP_PGM
O BD8STRP_FT
Power Switch control: Program power
1
VPP_VCC
O BD4STRP_FT
Power Switch control: VCC power
1
GPI#
I
BD4STRP_FT
General Purpose Input
1
Table 2-2. Definition of Signal Pins
Signal Name
Dir
Buffer Type1
Description
Qty
Note1; See Table 2-3 for buffer type descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com