Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC12HDYC Datasheet(PDF) 52 Page - STMicroelectronics

Part # STPC12HDYC
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12HDYC Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STPC12HDYC Datasheet HTML 48Page - STMicroelectronics STPC12HDYC Datasheet HTML 49Page - STMicroelectronics STPC12HDYC Datasheet HTML 50Page - STMicroelectronics STPC12HDYC Datasheet HTML 51Page - STMicroelectronics STPC12HDYC Datasheet HTML 52Page - STMicroelectronics STPC12HDYC Datasheet HTML 53Page - STMicroelectronics STPC12HDYC Datasheet HTML 54Page - STMicroelectronics STPC12HDYC Datasheet HTML 55Page - STMicroelectronics STPC12HDYC Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 111 page
background image
ELECTRICAL SPECIFICATIONS
52/111
Issue 1.0 - July 24, 2002
4.5.4. PCI INTERFACE
Figure 4-6 and Table 4-12 list the AC characteris-
tics of the PCI interface. PCICLKx stands for any
PCI device clock input.
Figure 4-6. PCI Timing Diagram
PCICLKI
STPC.output
STPC.input
PCICLKx
Tclkx
Tsetup
Thold
Toutput (min)
Toutput (max)
Tcycle
Thigh
Tlow
HCLK
Thclk
Table 4-12. PCI Bus AC Timings
Name
Parameter
Min
Typ
Max
Unit
HCLK to PCICLKO delay (MD[30:27] = 1111)
4.4
5.0
5.7
ns
Thclk
HCLK to PCICLKI delay
6.5
7.5
8.5
ns
Tclkx
PCICLKI to PCICLKx skew
-0.5
0.3
1.0
ns
Tcycle
PCICLKI Cycle Time
30
ns
Thigh
PCICLKI High Time
13
ns
Tlow
PCICLKI Low Time
13
ns
PCICLKI Rising Time
1.5
ns
PCICLKI Falling Time
1.5
ns
PCICLKI to any output
-ns
Setup to PCICLKI
--
ns
Hold from PCICLKI
--
ns
HCLK to any output
-ns
Setup to HCLK
--
ns
Hold from HCLK
--
ns
Note: These timings are for a load of 50pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com