Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC12HDYC Datasheet(PDF) 32 Page - STMicroelectronics

Part # STPC12HDYC
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12HDYC Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STPC12HDYC Datasheet HTML 28Page - STMicroelectronics STPC12HDYC Datasheet HTML 29Page - STMicroelectronics STPC12HDYC Datasheet HTML 30Page - STMicroelectronics STPC12HDYC Datasheet HTML 31Page - STMicroelectronics STPC12HDYC Datasheet HTML 32Page - STMicroelectronics STPC12HDYC Datasheet HTML 33Page - STMicroelectronics STPC12HDYC Datasheet HTML 34Page - STMicroelectronics STPC12HDYC Datasheet HTML 35Page - STMicroelectronics STPC12HDYC Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 111 page
background image
PIN DESCRIPTION
32/111
Issue 1.0 - July 24, 2002
F19
GND
F21
GND
H4
GND
H21
GND
H23
GND
J6
GND
L6
GND
L11:16
GND
L21
GND
M6
GND
M11:16
GND
N11:16
GND
N21
GND
P6
GND
P11:16
GND
R11:16
GND
R21
GND
T6
GND
Table 2-6. Pinout
Pin#
Pin Name
Note1; This signal is multiplexed
see Table 2-4
T11:16
GND
T21
GND
V21
GND
V23
GND
W4
GND
W6
GND
W21
GND
AA6
GND
AA8
GND
AA9
GND
AA11
GND
AA13
GND
AA15
GND
AA17
GND
AA19
GND
AA21
GND
AB5
GND
AB22
GND
Table 2-6. Pinout
Pin#
Pin Name
Note1; This signal is multiplexed
see Table 2-4
AC4
GND
AC11
GND
AC17
GND
AC23
GND
AD3
GND
AD24
GND
AE2
GND
AE25
GND
AF1
GND
AF26
GND
G3
Reserved
F1
Reserved
Table 2-6. Pinout
Pin#
Pin Name
Note1; This signal is multiplexed
see Table 2-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com