Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC12HDYC Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPC12HDYC
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12HDYC Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPC12HDYC Datasheet HTML 21Page - STMicroelectronics STPC12HDYC Datasheet HTML 22Page - STMicroelectronics STPC12HDYC Datasheet HTML 23Page - STMicroelectronics STPC12HDYC Datasheet HTML 24Page - STMicroelectronics STPC12HDYC Datasheet HTML 25Page - STMicroelectronics STPC12HDYC Datasheet HTML 26Page - STMicroelectronics STPC12HDYC Datasheet HTML 27Page - STMicroelectronics STPC12HDYC Datasheet HTML 28Page - STMicroelectronics STPC12HDYC Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 111 page
background image
PIN DESCRIPTION
Issue 1.0 - July 24, 2002
25/111
MCLK, Mouse Clock line. Mouse data is latched
by the controller on each negative clock edge
produced on this pin. The mouse can be disabled
by pulling this pin low by software control.
MDATA,
Mouse Data Line. 11-bits of data are
shifted serially through this line when data is being
transferred. Data is synchronised to MCLK.
2.2.15. PARALLEL PORT
PE Paper End. Input status signal from printer.
SLCT Printer Select. Printer selected input.
BUSY# Printer Busy.
Input status signal from printer.
ERR# Error. Input status signal from printer.
ACK# Acknowledge.
Input status signal from printer.
PDDIR# Parallel Device Direction.
Bidirectional control line output.
STROBE# PCS/Strobe#.
Data transfer strobe line to printer.
INIT# Initialize Printer. This output sends an
initialize command to the connected printer.
AUTOFD# Automatic Line feed. This output sends
a
command
to
the
connected
printer
to
automatically generate line feed on received
carriage returns.
SLCTIN#
Select In. Printer select output.
PPD[7-0] Parallel Port Data Lines Data transfer
lines to printer. Bidirectional depending on modes.
2.2.16. MISCELLANEOUS
SPKRD Speaker Drive. This is the output to the
speaker and is the AND of the counter 2 output
with bit 1 of Port 61h and drives an external
speaker driver. This output should be connected
to a 7407 type high voltage driver.
SCAN_ENABLE
Reserved. This pin is reserved
for Test and Miscellaneous functions. It has to be
set to ‘0’ or connected to ground in normal
operation.
COL_SEL Colour Select. Can be used for Picture
in Picture function. Note however that this signal,
brought out from the video pipeline, is not in sync
with the VGA output signals, i.e. the VGA signals
run four clock cycles after the Col_Sel signal.
2.2.17. JTAG INTERFACE
TCLK Test clock
TDI Test data input
TMS Test mode input
TDO Test data output
TRST Test reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com