Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC12GEYC Datasheet(PDF) 92 Page - STMicroelectronics

Part # STPC12GEYC
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12GEYC Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STPC12GEYC Datasheet HTML 88Page - STMicroelectronics STPC12GEYC Datasheet HTML 89Page - STMicroelectronics STPC12GEYC Datasheet HTML 90Page - STMicroelectronics STPC12GEYC Datasheet HTML 91Page - STMicroelectronics STPC12GEYC Datasheet HTML 92Page - STMicroelectronics STPC12GEYC Datasheet HTML 93Page - STMicroelectronics STPC12GEYC Datasheet HTML 94Page - STMicroelectronics STPC12GEYC Datasheet HTML 95Page - STMicroelectronics STPC12GEYC Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 111 page
background image
DESIGN GUIDELINES
92/111
Issue 1.0 - July 24, 2002
6.4. PLACE AND ROUTE
RECOMMENDATIONS
6.4.1. GENERAL RECOMMENDATIONS
Some STPC Interfaces run at high speed and
need to be carefully routed or even shielded like:
1) Memory Interface
2) PCI bus
3) Graphics and video interfaces
4) 14 MHz oscillator stage
All clock signals have to be routed first and
shielded for speeds of 27MHz or higher. The high
speed signals follow the same constraints, as for
the memory and PCI control signals.
The next interfaces to be routed are Memory, PCI,
and Video/graphics.
All the analog noise-sensitive signals have to be
routed in a separate area and hence can be
routed indepedently.
6.4.2. PLL DEFINITION AND IMPLIMENTATION
PLLs are analog cells which supply the internal
STPC Clocks. To get the cleanest clock, the jitter
on the power supply must be reduced as much as
possible. This will result in a more stable system.
Each of the integrated PLL has a dedicated power
pin so a single power plane for all of these PLLs,
or one wire for each, or any solution in between
which help the layout of the board can be used.
Powering
these
pins
with
one
Ferrite
+
capacitances is enough. We recommend at least
2 capacitances: one 'big' (few uF) for power
storage, and one or 2 smalls (100nF + 1nF) for
noise filtering.
Figure 6-20. Shielding signals
ground ring
ground pad
shielded signal line
ground pad
shielded signal lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com