Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC12GEYC Datasheet(PDF) 96 Page - STMicroelectronics

Part # STPC12GEYC
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12GEYC Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STPC12GEYC Datasheet HTML 92Page - STMicroelectronics STPC12GEYC Datasheet HTML 93Page - STMicroelectronics STPC12GEYC Datasheet HTML 94Page - STMicroelectronics STPC12GEYC Datasheet HTML 95Page - STMicroelectronics STPC12GEYC Datasheet HTML 96Page - STMicroelectronics STPC12GEYC Datasheet HTML 97Page - STMicroelectronics STPC12GEYC Datasheet HTML 98Page - STMicroelectronics STPC12GEYC Datasheet HTML 99Page - STMicroelectronics STPC12GEYC Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 111 page
background image
DESIGN GUIDELINES
96/111
Issue 1.0 - July 24, 2002
Figure 6-25. IBIS Simulation for on-board SDRAM / 90MHz
Figure 6-26. Recommended topology for DIMM (IBIS model)
0.8 V
2.0 V
833ps
791ps
3
2
1
MCLKI
MCLKx
(V)
MCLKI
Time
MCLKI
22 Ohms
3000 mils
Track impedance= 75 Ohms
Trace thickness = 0.72 mil
Trace width = 4 to 8 mils
Buffer out
18 Ohms
2000 mils
DIMM
Buffer out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com