Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC12GEYC Datasheet(PDF) 100 Page - STMicroelectronics

Part # STPC12GEYC
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12GEYC Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STPC12GEYC Datasheet HTML 96Page - STMicroelectronics STPC12GEYC Datasheet HTML 97Page - STMicroelectronics STPC12GEYC Datasheet HTML 98Page - STMicroelectronics STPC12GEYC Datasheet HTML 99Page - STMicroelectronics STPC12GEYC Datasheet HTML 100Page - STMicroelectronics STPC12GEYC Datasheet HTML 101Page - STMicroelectronics STPC12GEYC Datasheet HTML 102Page - STMicroelectronics STPC12GEYC Datasheet HTML 103Page - STMicroelectronics STPC12GEYC Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 111 page
background image
DESIGN GUIDELINES
100/111
Issue 1.0 - July 24, 2002
6.4.5. THERMAL DISSIPATION
6.4.5.1. Power saving
Thermal dissipation of the STPC depends mainly
on supply voltage. When the system does not
need to work at the upper voltage limit, it may
therefore be beneficial to reduce the voltage to the
lower voltage limit, where possible. This could
save a few 100’s of mW.
The second area to look at is unused interfaces
and functions. Depending on the application,
some input signals can be grounded, and some
blocks not powered or shutdown. Clock speed
dynamic adjustment is also a solution that can be
used
along
with
the
integrated
power
management unit.
6.4.5.2. Thermal balls
The standard way to route thermal balls to ground
layer implements only one via pad for each ball
pad, connected using a 8-mil wire.
With such configuration the Plastic BGA package
does 90% of the thermal dissipation through the
ground balls, and especially the central thermal
balls which are directly connected to the die. The
remaining 10% is dissipated through the case.
Adding a heat sink reduces this value to 85%.
As a result, some basic rules must be followed
when routing the STPC in order to avoid thermal
problems.
As the whole ground layer acts as a heat sink, the
ground balls must be directly connected to it, as
illustrated in Figure 6-31. If one ground layer is not
enough, a second ground plane may be added.
When possible, it is important to avoid other
devices
on-board
using
the
PCB
for
heat
dissipation, like linear regulators, as this would
heat the STPC itself and reduce the temperature
range of the whole system, In case these devices
can not use a separate heat sink, they must not be
located just near the STPC
Figure 6-31. Ground Routing
Thru hole to ground layer
Top
Lay
er: S
igna
ls
Pow
er la
yer
Inte
rnal
Lay
er:
Sig
nals
Bott
om
Lay
er: G
rou
nd
laye
r
Pad for ground ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com