Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC12GEYC Datasheet(PDF) 102 Page - STMicroelectronics

Part # STPC12GEYC
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12GEYC Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STPC12GEYC Datasheet HTML 98Page - STMicroelectronics STPC12GEYC Datasheet HTML 99Page - STMicroelectronics STPC12GEYC Datasheet HTML 100Page - STMicroelectronics STPC12GEYC Datasheet HTML 101Page - STMicroelectronics STPC12GEYC Datasheet HTML 102Page - STMicroelectronics STPC12GEYC Datasheet HTML 103Page - STMicroelectronics STPC12GEYC Datasheet HTML 104Page - STMicroelectronics STPC12GEYC Datasheet HTML 105Page - STMicroelectronics STPC12GEYC Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 111 page
background image
DESIGN GUIDELINES
102/111
Issue 1.0 - July 24, 2002
To avoid solder wicking over to the via pads during
soldering, it is important to have a solder mask of
4 mil around the pad (NSMD pad). This gives a
diameter of 33 mil for a 25 mil ground pad.
To obtain the optimum ground layout, place the
vias directly under the ball pads. In this case no
local board distortion is tolerated.
6.4.5.3. Heat dissipation
The thickness of the copper on PCB layers is
typically 34 µm for external layers and 17 µm for
internal
layers.
This
means
that
thermal
dissipation is not good; high board temperatures
are concentrated around the devices and these
fall quickly with increased distance.
Where possible, place a metal layer inside the
PCB; this improves dramatically the spread of
heat and hence the thermal dissipation of the
board.
The possibility of using the whole system box for
thermal dissipation is very useful in cases of high
internal
temperatures
and
low
outside
temperatures. Bottom side of the PBGA should be
thermally connected to the metal chassis in order
to propagate the heat flow through the metal.
Thermally connecting also the top side will
improve furthermore the heat dissipation. Figure
6-35 illustrates such an implementation.
Figure 6-34. Optimum Layout for Central Ground Ball - top layer
Via to Ground layer
Pad for ground ball
Clearance = 6mil
diameter = 25 mil
hole diameter = 14 mil
Solder mask
diameter = 33 mil
External diameter = 37 mil
connections = 10 mil
Figure 6-35. Use of Metal Plate for Thermal Dissipation
Metal planes
Thermal conductor
Board
Die



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com