Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC12GEYC Datasheet(PDF) 94 Page - STMicroelectronics

Part # STPC12GEYC
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12GEYC Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STPC12GEYC Datasheet HTML 90Page - STMicroelectronics STPC12GEYC Datasheet HTML 91Page - STMicroelectronics STPC12GEYC Datasheet HTML 92Page - STMicroelectronics STPC12GEYC Datasheet HTML 93Page - STMicroelectronics STPC12GEYC Datasheet HTML 94Page - STMicroelectronics STPC12GEYC Datasheet HTML 95Page - STMicroelectronics STPC12GEYC Datasheet HTML 96Page - STMicroelectronics STPC12GEYC Datasheet HTML 97Page - STMicroelectronics STPC12GEYC Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 111 page
background image
DESIGN GUIDELINES
94/111
Issue 1.0 - July 24, 2002
memory clock input (MCLKI) and any other
component
using
the
memory
clock
are
individually driven from a low skew clock driver
with matched routing lengths. In other words, all
clock line lengths that go from the buffer to the
memory chips (MCLKx) and from the buffer to the
STPC (MCLKI) must be identical.
This is shown in Figure 6-23.
Figure 6-22. DIMM placement
DIMM2
DIMM1
STPC
35mm
35mm
15mm
10mm
116mm
SDRAM I/F
Figure 6-23. Clock Routing
MCLKO
DIMM CKn input
STPC MCLKI
DIMM CKn input
DIMM CKn input
Low skew clock driver:
L
L+75mm*
20pF
* No additional 75mm when SDRAM directly soldered on board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com