Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR120 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPR120
Description  HIGH EFFICIENCY FAST RECOVERY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR120 Datasheet(HTML) 1 Page - STMicroelectronics

  STPR120 Datasheet HTML 1Page - STMicroelectronics STPR120 Datasheet HTML 2Page - STMicroelectronics STPR120 Datasheet HTML 3Page - STMicroelectronics STPR120 Datasheet HTML 4Page - STMicroelectronics STPR120 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STPR120A
®
April 2000 - Ed: 3
HIGH EFFICIENCY FAST RECOVERY DIODE
IF(AV)
1A
VRRM
200 V
trr (max)
35 ns
MAIN PRODUCT CHARACTERISTICS
n
VERY LOW SWITCHING LOSSES
n
LOW FORWARD VOLTAGE DROP
n
SURFACE MOUNT DEVICE
n
FAST RECTIFIER EPITAXIAL DIODE
FEATURES AND BENEFITS
Single chip rectifier suited to Switched Mode
Power Supplies and high frequency DC/DC con-
verters.
Packaged in SMA, this surface mount device is in-
tended for use in low voltage, high frequency in-
verters, free wheeling and polarity protection
applications.
DESCRIPTION
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
8
A
IF(AV)
Average forward current
TLead = 125°C
δ = 0.5
1A
IFSM
Surge non repetitive forward current
tp = 10 ms
Sinusoidal
30
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum junction temperature
150
°C
ABSOLUTE RATINGS (limiting values)
SMA
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to lead
30
°C/W
THERMAL RESISTANCES


Similar Part No. - STPR120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPR1210D STMICROELECTRONICS-STPR1210D Datasheet
86Kb / 6P
ULTRA FAST RECOVERY RECTIFIER DIODES
Jun-1992
STPR1210F STMICROELECTRONICS-STPR1210F Datasheet
86Kb / 6P
ULTRA FAST RECOVERY RECTIFIER DIODES
Jun-1992
STPR1220D STMICROELECTRONICS-STPR1220D Datasheet
86Kb / 6P
ULTRA FAST RECOVERY RECTIFIER DIODES
Jun-1992
STPR1220F STMICROELECTRONICS-STPR1220F Datasheet
86Kb / 6P
ULTRA FAST RECOVERY RECTIFIER DIODES
Jun-1992
More results

Similar Description - STPR120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT30G-400 STMICROELECTRONICS-BYT30G-400 Datasheet
71Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODES
Oct-1999
BYW100-200 STMICROELECTRONICS-BYW100-200 Datasheet
48Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYW29G-200 STMICROELECTRONICS-BYW29G-200 Datasheet
63Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODES
Oct-1999
BYW77G-200 STMICROELECTRONICS-BYW77G-200 Datasheet
66Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODES
Oct-1999
SMBYW01-200 STMICROELECTRONICS-SMBYW01-200 Datasheet
59Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODE
Oct-1999
SMBYW04-200 STMICROELECTRONICS-SMBYW04-200 Datasheet
103Kb / 6P
HIGH EFFICIENCY FAST RECOVERY DIODE
BYW29FP-200 STMICROELECTRONICS-BYW29FP-200 Datasheet
135Kb / 7P
HIGH EFFICIENCY FAST RECOVERY DIODES
May-2002
BYW4200B-TR STMICROELECTRONICS-BYW4200B-TR Datasheet
114Kb / 6P
HIGH EFFICIENCY FAST RECOVERY DIODE
Oct-1999
STTH8R03DJF STMICROELECTRONICS-STTH8R03DJF Datasheet
181Kb / 9P
Ultrafast recovery diode high efficiency
16-May-2012
STTH30R02DJF STMICROELECTRONICS-STTH30R02DJF Datasheet
181Kb / 9P
Ultrafast recovery diode high efficiency
March 2012 Rev 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com