Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR120 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPR120
Description  HIGH EFFICIENCY FAST RECOVERY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR120 Datasheet(HTML) 3 Page - STMicroelectronics

  STPR120 Datasheet HTML 1Page - STMicroelectronics STPR120 Datasheet HTML 2Page - STMicroelectronics STPR120 Datasheet HTML 3Page - STMicroelectronics STPR120 Datasheet HTML 4Page - STMicroelectronics STPR120 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STPR120A
3/5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF(av) (A)
PF(av)(W)
δ = 0.05 δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
Fig. 1: Average forward power dissipation versus
average forward current.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
1
2
3
4
5
6
7
8
9
10
IM(A)
P=1.5W
P=1.0W
P=0.5W
P=0.25W
δ
Fig. 2: Peak current versus form factor.
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Tamb(°C)
IF(av)(A)
Rth(j-a)=120°C/W
Rth(j-a)=Rth(j-l)
Fig. 3: Average forward current versus ambient
temperature (
δ=0.5).
1E-3
1E-2
1E-1
1E+0
0
1
2
3
4
5
6
t(s)
IM(A)
Ta=25°C
Ta=125°C
Ta=100°C
Fig. 4: Non repetitive surge peak forward current
versus overload duration.
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
1
10
100
200
tp(s)
Zth(j-a)(°C/W)
Single pulse
Fig. 5: Variation of thermal impedance junction to
ambient versus pulse duration (Recommended
pad layout, epoxy FR4, e(Cu)=35
µm).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.01
0.10
1.00
10.00
50.00
VFM(V)
IFM(A)
Tj=150°C
Tj=25°C
Fig. 6: Forward voltage drop versus forward cur-
rent (maximum values).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com