Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR120 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPR120
Description  HIGH EFFICIENCY FAST RECOVERY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR120 Datasheet(HTML) 2 Page - STMicroelectronics

  STPR120 Datasheet HTML 1Page - STMicroelectronics STPR120 Datasheet HTML 2Page - STMicroelectronics STPR120 Datasheet HTML 3Page - STMicroelectronics STPR120 Datasheet HTML 4Page - STMicroelectronics STPR120 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STPR120A
2/5
Symbol
Tests Conditions
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
3
µA
Tj = 125°C
180
400
VF **
Forward voltage drop
Tj = 25°C
IF = 1 A
0.94
V
Tj = 150°C
IF = 1 A
0.69
0.74
STATIC ELECTRICAL CHARACTERISTICS
Pulse test :
* tp = 5ms,
δ <2%
** tp = 380
µs, δ <2%
Symbol
Tests Conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25°C
IF = 0.50 A
Irr = 0.25 A
IR =1A
25
ns
IF =1A
dIF/dt=50A/
µs
VR =VRRM
25
35
tFR
Tj = 25°C
IF =1 A
dIF/dt = 100 A/
µs
Measured at 1 V
25
VFP
Tj = 25°C
IF =1 A
dIF/dt = 100 A/
µs5
V
RECOVERY CHARACTERISTICS
To evaluate the maximum conduction losses use the following equation :
P=0.62xIF(AV) +0.12xIF
2
(RMS)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com