Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR120 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPR120
Description  HIGH EFFICIENCY FAST RECOVERY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR120 Datasheet(HTML) 4 Page - STMicroelectronics

  STPR120 Datasheet HTML 1Page - STMicroelectronics STPR120 Datasheet HTML 2Page - STMicroelectronics STPR120 Datasheet HTML 3Page - STMicroelectronics STPR120 Datasheet HTML 4Page - STMicroelectronics STPR120 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STPR120A
4/5
1
10
100
200
1
2
5
10
20
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig. 7: Junction capacitance versus reverse
voltage applied (typical values).
10
20
50
100
200
500
10
20
50
100
200
dIF/dt(A/µs)
QRR(nC)
IF=2A
90% confidence
Tj=125°C
Fig. 8: Recovery charges versus dIF/dt
10
20
50
100
200
500
0.1
1.0
10.0
20.0
dIF/dt(A/µs)
IRM(A)
IF=2A
90% confidence
Tj=125°C
Fig. 9: Peak reverse recovery current versus dIF/dt.
0
25
50
75
100
125
150
0.25
0.50
0.75
1.00
1.25
Tj(°C)
QRR; IRM[Tj] / QRR; IRM[Tj=125°C]
IRM
QRR
Fig. 10: Dynamic parameters versus junction tem-
perature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com