Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4EEBI Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPC4EEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4EEBI Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPC4EEBI Datasheet HTML 7Page - STMicroelectronics STPC4EEBI Datasheet HTML 8Page - STMicroelectronics STPC4EEBI Datasheet HTML 9Page - STMicroelectronics STPC4EEBI Datasheet HTML 10Page - STMicroelectronics STPC4EEBI Datasheet HTML 11Page - STMicroelectronics STPC4EEBI Datasheet HTML 12Page - STMicroelectronics STPC4EEBI Datasheet HTML 13Page - STMicroelectronics STPC4EEBI Datasheet HTML 14Page - STMicroelectronics STPC4EEBI Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
PIN DESCRIPTION
Release 1.5 - January 29, 2002
11/93
2. PIN DESCRIPTION
2.1. INTRODUCTION
The STPC Consumer-II integrates most of the
functionality of the PC architecture. As a result,
many of the traditional interconnections between
the host PC microprocessor and the peripheral
devices
are
totally
internal
to
the
STPC
Consumer-II. This offers improved performance
due to the tight coupling of the processor core and
these peripherals. As a result, many of the
external pin connections are made directly to the
on-chip peripheral functions.
Figure 2-1 shows the STPC Consumer-II external
interfaces. It defines the main buses and their
functions. Table
2-1 describes the
physical
implementation,
listing
signal
type
and
functionality. Table 2-2 provides a full pin listing
and description of pins. Table 2-7 provides a full
listing of pin locations of the STPC Consumer-II
package by physical connection.
Note: Several interface pins are multiplexed with
other functions, refer to Table 2-4 and Table 2-5
for further details
Table 2-1. Signal Description
Group name
Qty
Basic Clocks reset & Xtal (SYS)
7
SDRAM Controller
95
PCI interface
56
ISA
79
89
IDE
34
Local Bus
49
Video Input
9
TV Output
12
VGA Monitor interface
8
Grounds
71
VDD
26
Miscellaneous
9
Unconnected
6
Total Pin Count
388
Figure 2-1. STPC Consumer-II External Interfaces
PCI
x86
SDRAM VGA
VIP
TV
SYS
ISA/IDE/LB
95
8
9
12
56
7
89
STPC CONSUMER-II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com