Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4EEBI Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPC4EEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4EEBI Datasheet(HTML) 2 Page - STMicroelectronics

  STPC4EEBI Datasheet HTML 1Page - STMicroelectronics STPC4EEBI Datasheet HTML 2Page - STMicroelectronics STPC4EEBI Datasheet HTML 3Page - STMicroelectronics STPC4EEBI Datasheet HTML 4Page - STMicroelectronics STPC4EEBI Datasheet HTML 5Page - STMicroelectronics STPC4EEBI Datasheet HTML 6Page - STMicroelectronics STPC4EEBI Datasheet HTML 7Page - STMicroelectronics STPC4EEBI Datasheet HTML 8Page - STMicroelectronics STPC4EEBI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
STPC
® CONSUMER-II
2/93
Release 1.5 - January 29, 2002
s
X86 Processor core
s
Fully static 32-bit five-stage pipeline, x86
processor fully PC compatible.
s
Can access up to 4 GB of external memory.
s
8 Kbyte unified instruction and data cache
with write back and write through capability.
s
Parallel processing integral floating point unit,
with automatic power down.
s
Runs up to 100 MHz (x1) or 133 MHz (x2).
s
Fully static design for dynamic clock control.
s
Low power and system management modes.
s
Optimized design for 2.5 V operation.
s
SDRAM Controller
s
64-bit data bus.
s
Up to 100 MHz SDRAM clock speed.
s
Integrated system memory, graphic frame
memory and video frame memory.
s
Supports 2 MB up to 128 MB system
memory.
s
Supports 16-, 64-, and 128-Mbit SDRAMs.
s
Supports 8, 16, 32, 64, and 128 MB DIMMs.
s
Supports buffered, non buffered, and
registered DIMMs
s
Four-line write buffers for CPU to SDRAM
and PCI to SDRAM cycles.
s
Four-line read prefetch buffers for PCI
masters.
s
Programmable latency
s
Programmable timing for SDRAM
parameters.
s
Supports -8, -10, -12, -13, -15 memory parts
s
Supports memory hole between 1 MB and
8 MB for PCI/ISA busses.
s
2D Graphics Controller
s
64-bit windows accelerator.
s
Backward compatibility to SVGA standards.
s
Hardware acceleration for text, bitblts,
transparent blts and fills.
s
Up to 64 x 64 bit graphics hardware cursor.
s
Up to 4MB long linear frame buffer.
s
8-, 16-, 24- and 32-bit pixels.
s
Drivers availables for various OSes.
s
CRT Controller
s
Integrated 135 MHz triple RAMDAC allowing
for 1280 x 1024 x 75 Hz display.
s
Requires external frequency synthesizer and
reference sources.
s
8-bit, 16-bit, 24-bit pixels.
s
Interlaced or non-interlaced output.
s
Requires no external frequency synthesizer.
s
Requires only external reference source.
s
Video Input port
s
Accepts video inputs in ITU-R 601 mode.
s
Optional 2:1 decimator
s
Stores captured video in off setting area of
the onboard frame buffer.
s
Video pass through to the TV output for full
screen video images.
s
HSYNC and B/T generation or lock onto
external video timing source.
s
Video Pipeline
s
Two-tap interpolative horizontal filter.
s
Two-tap interpolative vertical filter.
s
Colour space conversion (RGB to YUV and
YUV to RGB).
s
Programmable window size.
s
Chroma and colour keying for integrated
video overlay.
s
Video Output
s
NTSC-M; PAL-B, D, G, H, I, M, N encoding.
s
ITU-R 601 encoding with programmable
colour subcarrier frequencies.
s
ITU-R 656 video output signal interface.
s
Four analog outputs in two configurations:
- R,G,B + CVBS
- C,YS,CVBS1 + CVBS2
s
Flicker-free interlaced output.
s
Programmable two tap filter with gamma
correction or three tap flicker filter.
s
Interlaced or non-interlaced operation mode.
s
Progressive to interlaced scan converter.
s
Cross colour reduction by specific trap
filtering on luma within CVBS flow.
s
Power down mode available on each DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com