Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4EEBI Datasheet(PDF) 28 Page - STMicroelectronics

Part # STPC4EEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4EEBI Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STPC4EEBI Datasheet HTML 24Page - STMicroelectronics STPC4EEBI Datasheet HTML 25Page - STMicroelectronics STPC4EEBI Datasheet HTML 26Page - STMicroelectronics STPC4EEBI Datasheet HTML 27Page - STMicroelectronics STPC4EEBI Datasheet HTML 28Page - STMicroelectronics STPC4EEBI Datasheet HTML 29Page - STMicroelectronics STPC4EEBI Datasheet HTML 30Page - STMicroelectronics STPC4EEBI Datasheet HTML 31Page - STMicroelectronics STPC4EEBI Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
STRAP OPTIONS
28/93
Release 1.5 - January 29, 2002
3.1. POWER-ON STRAP REGISTER DESCRIPTIONS
3.1.1. ADPC STRAP REGISTER 0 CONFIGURATION
Strap0
Access = 0022h/0023h
Regoffset = 04Ah
76543210
MD[7]
MD[6]
See Table
below
MD[4]
Rsv
See Table
below
See Table
below
See Table
belowl
This register defaults to the values sampled on MD[7:4] pins after reset
Bit Number Sampled
Mnemonic
Description
Bits 7-6
MD[7:6]
PCICLK PLL set-up:
The value sampled on MD[7:6] controls the
PCICLK PLL programming according to PCICLK frequency.
MD7 MD6
0
0
PCICLK frequency between 16 & 32 MHz
0
1
PCICLK frequency between 32 & 64 MHz
1
X
Reserved
Bit 5
MD[5]
For the parts referenced STPCC4, see section Section 3.1.1.bit 2.
MD[44]
For the parts referenced STPCC5, this s
trap selects betwen Local
Bus or ISA mode.
0 = ISA Mode
1 = Local Bus Mode
This strap is not readable in a register for the STPCC4.
Bit 4
MD[4]
PCICLK division: This bit reflects the value sampled on [MD4] and is
used together with MD[17] to select the PCICLK frequency.
MD4 MD17
0
X
PCI Clock output = HCLK / 4
1
0
PCI Clock output = HCLK / 3
1
1
PCI Clock output = HCLK / 2
Bits 2
Rsv
For the parts referenced STPCC4 These bits are reserved
MD[5]
Host Memory synchronization. This bit reflects the value sampled on
MD[5] and controls the MCLK/HCLK synchronization.
0: MCLK and HCLK not synchronized
1: MCLK and HCLK synchronized for improved system performance.
Bit 1-0
Rsv
For the parts referenced STPCC4 These bits are reserved
MD[4,17]
For the parts referenced STPCC5.
These bits reflect the values sampled on MD[17] pin and
controls the PCI clock output in conjunction with MD[4], as
follows:
MD4 MD17
0
X
PCI Clock output = HCLK / 4
1
0
PCI Clock output = HCLK / 3
1
1
PCI Clock output = HCLK / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com