Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4EEBI Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPC4EEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4EEBI Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPC4EEBI Datasheet HTML 2Page - STMicroelectronics STPC4EEBI Datasheet HTML 3Page - STMicroelectronics STPC4EEBI Datasheet HTML 4Page - STMicroelectronics STPC4EEBI Datasheet HTML 5Page - STMicroelectronics STPC4EEBI Datasheet HTML 6Page - STMicroelectronics STPC4EEBI Datasheet HTML 7Page - STMicroelectronics STPC4EEBI Datasheet HTML 8Page - STMicroelectronics STPC4EEBI Datasheet HTML 9Page - STMicroelectronics STPC4EEBI Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 93 page
background image
GENERAL DESCRIPTION
6/93
Release 1.5 - January 29, 2002
or a 3 line flicker filter (primarily designed for
Windows type displays). The fliker filter is optional
and can be software disabled for use with large
screen area’s of video.
The Video output pipeline of the STPC Consumer-
II interfaces directly to the internal digital TV
encoder. It takes a 24 bit RGB non-interlaced pixel
stream and converts to a multiplexed 4:2:2 YCrCb
8
bit
output
stream,
the
logic
includes
a
progressive to interlaced scan converter and logic
to insert appropriate CCIR656 timing reference
codes into the output stream. It facilitates the high
quality display of VGA or full screen video streams
received via the Video input port to standard
NTSC or PAL televisions.
The digital PAL/NTSC encoder outputs interlaced
or non-interlaced video in PAL-B,D,G,H,I PAL-N,
PAL-M or NTSC-M standards and “NTSC- 4.43” is
also possible.
The four frame (for PAL) or 2 frame (for NTSC)
burst
sequences
are
internally
generated,
subcarrier
generation
being
performed
numerically with CKREF as reference. Rise and
fall times of synchronisation tips and burst
envelope are internally controlled according to the
relevant ITU-R and SMPTE recommendations.
Video output signals are directed to four analog
output pins through internal D/A converters giving,
simultaneous
R,G,B
and
composite
CVBS
outputs.
1.4. MEMORY CONTROLLER
The STPC handles the memory data (DATA) bus
directly, controlling from 2 to 128 MBytes. The
SDRAM controller supports accesses to the
Memory Banks to/from the CPU (via the host),
from the VMI, to/from the CRTC, to the VIDEO &
to/from the GE. (Banks 0 to 3) which can be
populated with either single or double sided 72-bit
(4 bit parity) DIMMs. Parity is not supported.
The SDRAM controller only supports 64 bit wide
Memory Banks.
Four Memory Banks (if DIMMS are used; Single
sided or two double-sided DIMMs) are supported
in the following configurations (see Table 1-1)
The SDRAM Controller supports buffered or
unbuffered SDRAM but not EDO or FPM modes.
SDRAMs must support Full Page Mode Type
access.
The STPC Memory Controller provides various
programmable SDRAM parameters to allow the
SDRAM interface to be optimized for different
processor bus speeds SDRAM speed grades and
CAS Latency.
1.5. IDE INTERFACE
An industry standard EIDE (ATA 2) controller is
built into the STPC Consumer-II. The IDE port is
capable of supporting a total of four devices.
1.6. POWER MANAGEMENT
The STPC Consumer-II core is compliant with the
Advanced
Power
Management
(APM)
specification to provide a standard method by
which the BIOS can control the power used by
personal computers. The Power Management
Unit
module
(PMU)
controls
the
power
consumption providing a comprehensive set of
features that control the power usage and
supports compliance with the United States
Environmental Protection Agency's Energy Star
Computer Program. The PMU provides following
hardware structures to assist the software in
managing the power consumption by the system.
- System Activity Detection.
- Three power down timers.
- Doze timer for detecting lack of system activity
for short durations.
- Stand-by timer for detecting lack of system
activity for medium durations
- Suspend timer for detecting lack of system
activity for long durations.
- House-keeping activity detection.
- House-keeping timer to cope with short bursts
of house-keeping activity while dozing or in stand-
by state.
Table 1-1. Memory configurations
Memory
Bank size
Number
Organisa
tion
Device
Size
1Mx64
4
1Mx16
16Mbits
2Mx64
8
2Mx8
4Mx64
16
4Mx4
4Mx64
4
2Mx16x2
64Mbits
8Mx64
8
4Mx8x2
16Mx64
16
8Mx4x2
4Mx64
4
1Mx16x4
8Mx64
8
2Mx8x4
32Mx64
16
4Mx4x4
16Mx64
8
2Mx16x2
128Mbits
32Mx64
16
4Mx8x4
Table 1-1. Memory configurations
Memory
Bank size
Number
Organisa
tion
Device
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com