Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566A Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6566A
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6566A Datasheet HTML 5Page - STMicroelectronics L6566A Datasheet HTML 6Page - STMicroelectronics L6566A Datasheet HTML 7Page - STMicroelectronics L6566A Datasheet HTML 8Page - STMicroelectronics L6566A Datasheet HTML 9Page - STMicroelectronics L6566A Datasheet HTML 10Page - STMicroelectronics L6566A Datasheet HTML 11Page - STMicroelectronics L6566A Datasheet HTML 12Page - STMicroelectronics L6566A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
L6566A
Pin settings
9/51
5Vcc
Supply voltage of both the signal part of the IC and the gate driver. The internal
high voltage generator charges an electrolytic capacitor connected between this
pin and GND (pin 3) as long as the voltage on the pin is below the turn-on threshold
of the IC, after that it is disabled and the chip is turned on. The IC is disabled as the
voltage on the pin falls below the UVLO threshold. This threshold is reduced at light
load to counteract the natural reduction of the self-supply voltage. Sometimes a
small bypass capacitor (0.1 µF typ.) to GND might be useful to get a clean bias
voltage for the signal part of the IC.
6Vcc_PFC
Supply pin output. This pin is intended for supplying the PFC controller IC in
systems comprising a PFC pre-regulator or other compatible circuitry. It is internally
connected to the Vcc pin (5) via a controlled switch. The switch is closed as the IC
starts up and opens when the voltage at pin COMP is lower than a threshold (light
load), whenever the IC is shut down (either latched or not) and during UVLO. If not
used, the pin will be left floating.
7CS
Input to the PWM comparator. The current flowing in the MOSFET is sensed
through a resistor, the resulting voltage is applied to this pin and compared with an
internal reference to determine MOSFET’s turn-off. The pin is equipped with 150 ns
min. blanking time after the gate-drive output goes high for improved noise
immunity. A second comparison level located at 1.5 V latches the device off and
reduces its consumption in case of transformer saturation or secondary diode short
circuit. The information is latched until the voltage on the Vcc pin (5) goes below
the UVLO threshold, hence resulting in intermittent operation. A logic circuit
improves sensitivity to temporary disturbances.
8DIS
IC’s latched disable input. Internally the pin connects a comparator that, when the
voltage on the pin exceeds 4.5 V, latches off the IC and brings its consumption to a
lower value. The latch is cleared as the voltage on the Vcc pin (5) goes below the
UVLO threshold, but the HV generator keeps the Vcc voltage high (see pin 1
description). It is then necessary to recycle the input power to restart the IC. For a
quick restart pull pin 16 (AC_OK) below the disable threshold (see pin 16
description). Bypass the pin with a capacitor to GND (pin 3) to reduce noise pick-
up. Ground the pin if the function is not used.
9COMP
Control input for loop regulation. The pin will be driven by the phototransistor
(emitter-grounded) of an optocoupler to modulate its voltage by modulating the
current sunk. A capacitor placed between the pin and GND (3), as close to the IC
as possible to reduce noise pick-up, sets a pole in the output-to-control transfer
function. The dynamics of the pin is in the 2.5 to 5 V range. A voltage below an
internally defined threshold activates burst-mode operation. The voltage at the pin
is bottom-clamped at about 2 V. If the clamp is externally overridden and the
voltage is pulled below 1.4 V the IC will shut down.
10
VREF
An internal generator furnishes an accurate voltage reference (5 V ± 2 %) that can
be used to supply few mA to an external circuit. A small film capacitor (0.1 µF typ.),
connected between this pin and GND (3), is recommended to ensure the stability of
the generator and to prevent noise from affecting the reference. This reference is
internally monitored by a separate auxiliary reference and any failure or drift will
cause the IC to latch off.
Table 1.
Pin functions (continued)
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com