Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566A Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6566A
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6566A Datasheet HTML 12Page - STMicroelectronics L6566A Datasheet HTML 13Page - STMicroelectronics L6566A Datasheet HTML 14Page - STMicroelectronics L6566A Datasheet HTML 15Page - STMicroelectronics L6566A Datasheet HTML 16Page - STMicroelectronics L6566A Datasheet HTML 17Page - STMicroelectronics L6566A Datasheet HTML 18Page - STMicroelectronics L6566A Datasheet HTML 19Page - STMicroelectronics L6566A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Electrical characteristics
L6566A
16/51
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Gate driver
VGDH
Output high voltage
IGDsource = 5 mA, Vcc = 12V
9.8
11
V
VGDL
Output low voltage
IGDsink = 100 mA
0.75
V
Isourcepk
Output source peak current
-0.6
A
Isinkpk
Output sink peak current
0.8
A
tf
Fall time
40
ns
tr
Rise time
50
ns
VGDclamp
Output clamp voltage
IGDsource = 5 mA; Vcc = 20 V
10
11.3
15
V
UVLO saturation
Vcc = 0 to Vccon, Isink = 1 mA
0.9
1.1
V
1.
Parameters tracking one another.
2.
See Table 6 on page 41 and Table 7 on page 42
3.
The voltage feedforward block output is given by:
Table 4.
Electrical characteristics (continued)
(
)
VFF
FF
COMP
cs
V
K
5
.
2
V
Kc
V
−
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com