Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566A Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6566A
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566A Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6566A Datasheet HTML 30Page - STMicroelectronics L6566A Datasheet HTML 31Page - STMicroelectronics L6566A Datasheet HTML 32Page - STMicroelectronics L6566A Datasheet HTML 33Page - STMicroelectronics L6566A Datasheet HTML 34Page - STMicroelectronics L6566A Datasheet HTML 35Page - STMicroelectronics L6566A Datasheet HTML 36Page - STMicroelectronics L6566A Datasheet HTML 37Page - STMicroelectronics L6566A Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Application information
L6566A
34/51
operating, so that the converter will work intermittently, which is very safe. In case of
overload the system has a power capability lower than that at nominal load but the output
current may be quite high and overstress the output rectifier. In case of FF operation the
capability is almost unchanged and both short circuit and overload conditions are more
critical to handle.
The L6566A, regardless of the operating option selected, makes it easier to handle such
conditions: the 2 V clamp on the SS pin is removed and a second internal current generator
ISS2 = ISS1 /4 keeps on charging Css. As the voltage reaches 5 V the device is disabled, if it
is allowed to reach 2 VBE over 5 V, the device will be latched off. In the former case the
resulting behavior will be identical to that under short circuit illustrated in Figure 6 on
page 19
; in the latter case the result will be identical to that of Figure 20 on page 33.
See Section 5.9: Latched disable function on page 32 for additional details.
A diode, with the anode to the SS pin and the cathode connected to the VREF pin (10) is the
simplest way to select either auto-restart mode or latch-mode behavior upon overcurrent. If
the overload disappears before the Css voltage reaches 5 V the ISS2 generator will be
turned off and the voltage gradually brought back down to 2 V. Refer to the Section 6:
Application examples and ideas on page 44
section (Figure 7 on page 45) for additional
hints.
If latch-mode behavior is desired also for converter’s short circuit, make sure that the supply
voltage of the device does not fall below the UVLO threshold before activating the latch.
Figure 21
shows soft-start pin behavior under different operating conditions and with
different settings (latch-mode or autorestart).
Note:
Unlike other PWM controllers provided with a soft-start pin, in the L6566A grounding the SS
pin does not guarantee that the gate driver is disabled.
Figure 21.
Soft-start pin operation under different operating conditions and settings
t
Vcc
(pin 5)
SS
(pin 14)
t
t
COMP
(pin 9)
START-UP
TEMPORARY
OVERLOAD
OVERLOAD
t
GD
(pin 4)
NORMAL
OPERATION
NORMAL
OPERATION
RESTART
here the IC
shuts down
here the IC
latches off
Vcc falls below UVLO
before latching off
SHUTDOWN
LATCHED
AUTORESTART
UVLO
2V
5V
5V+2Vbe
t
Vcc_PFC
(pin 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com