Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566A Datasheet(PDF) 41 Page - STMicroelectronics

Part # L6566A
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566A Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L6566A Datasheet HTML 37Page - STMicroelectronics L6566A Datasheet HTML 38Page - STMicroelectronics L6566A Datasheet HTML 39Page - STMicroelectronics L6566A Datasheet HTML 40Page - STMicroelectronics L6566A Datasheet HTML 41Page - STMicroelectronics L6566A Datasheet HTML 42Page - STMicroelectronics L6566A Datasheet HTML 43Page - STMicroelectronics L6566A Datasheet HTML 44Page - STMicroelectronics L6566A Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
L6566A
Application information
41/51
5.14
Summary of L6566A power management functions
It has been seen that the device is provided with a number of power management functions:
multiple operating mode upon loading conditions, protection functions, as well as interaction
with the PFC pre-regulator. To help the designer familiarize with these functions, in the
following tables all of theme are summarized with their respective activation mechanism and
the resulting status of the most important pins. This can be useful not only for a correct use
of the IC but also for diagnostic purposes: especially at prototyping/debugging stage, it is
quite common to bump into unwanted activation of some function, and these tables can be
used as a sort of quick troubleshooting guide.
Table 5.
L6566A light load management features
Feature Description
Caused
by
IC
behavior
Vcc_restart
(V)
Consump.
(Iqdis,mA)
VREF
(V)
SS
VCOMP
(V)
OSC
(V)
FMOD
Burst
mode
Controlled
ON-OFF
operation for
low power
consumption
at light load
VCOMP <
VCOMPBM
- Hys
Pulse
skipping
operation
N.A.
1.34mA
5
unchanged
VCOMPBM-
HYS to
VCOMPBM
0/1
0
PFC
manage
ment
PFC off at
light load, on
at heavy load
VCOMP <
VCOMPO
VCC_PFC =
0
N.A.
5
unchanged unchanged
1
0
VCOMP <
VCOMPL
VCC_PFC =
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com