Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33742 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33742
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
CAN MODULE–SIGNAL EDGE RISE AND FALL TIMES (CANH, CANL)
Dominant State Timeout
tDOUT
200
360
520
μs
Propagation Loop Delay TXD to RXD (Recessive to Dominant)(36)
Slew Rate 3
Slew Rate 2
Slew Rate 1
Slew Rate 0
tLRD
60
70
80
110
100
110
130
200
210
225
255
310
ns
Propagation Delay TXD to CAN (Recessive to Dominant)(37)
Slew Rate 3
Slew Rate 2
Slew Rate 1
Slew Rate 0
tTRD
20
25
35
50
65
80
100
160
110
150
200
300
ns
Propagation Delay CAN to RXD (Recessive to Dominant)(38)
tRRD
10
50
140
ns
Propagation Loop Delay TXD to RXD (Dominant to Recessive)(36)
Slew Rate 3
Slew Rate 2
Slew Rate 1
Slew Rate 0
tLDR
100
120
140
250
150
165
200
340
200
220
250
410
ns
Propagation Delay TXD to CAN (Dominant to Recessive)(37)
Slew Rate 3
Slew Rate 2
Slew Rate 1
Slew Rate 0
tTDR
60
65
75
200
125
150
180
310
150
190
250
460
ns
Propagation Delay CAN to RXD (Dominant to Recessive)(38)
tRDR
20
30
60
ns
Non-Differential Slew Rate (CANL or CANH)
Slew Rate 3
Slew Rate 2
Slew Rate 1
Slew Rate 0
tSL3
tSL2
tSL1
tSL0
4.0
3.0
2.0
1.0
19
13.5
8.0
5.0
40
20
15
10
V/
μs
Bus Communication Rate
tBUS
60k
—
1.0M
bps
Νοτεσ
36.
See Figure 8, page 22.
37.
See Figure 9, page 22.
38.
See Figure 10, page 22.
Table 6. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 4.75V
≤ V2 ≤ 5.25V, 5.5V ≤ VSUP ≤ 18V, and -40°C ≤ TA ≤ 125°C. Typical values noted
reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com