Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33742 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33742 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
Document Number: MC33742
Rev. 11, 6/2008
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007-2008. All rights reserved.
System Basis Chip with
Enhanced High Speed CAN
Transceiver
The 33742 and the 33742S are SPI-controlled System Basis Chips
(SBCs) combining many frequently used functions along with a CAN 2.0-
compliant transceiver, used in many automotive electronic control units
(ECUs). The 33742 SBC has a fully protected fixed 5.0V low dropout
internal regulator with current limiting, over-temperature pre-warning,
and reset. A second 5.0V regulator can be implemented using external
pass PNP bipolar junction pass transistor driven by the SBC’s external
V2 sense input and V2 output drive pins.
The SBC has four main operating modes: Normal, Standby, Stop, and
Sleep mode. Additionally there is an internally switched high side power
supply output, four wake-up inputs pins, a programmable window
watchdog, interrupt, reset, and a SPI module for communication and
control. The high speed CAN A and B transceiver is available for inter-
module communication.
Features
• 1.0Mbps CAN transceiver bus interface with bus diagnostic capability
• SPI control at frequencies up to 4.0Mhz
• 5.0V low dropout voltage regulator with current limiting, over-
temperature prewarning, and output monitoring and reset
• a Second 5.0V regulator capability using an external series pass
transistor
• Normal, Standby, Stop, and Sleep modes of operation with Low sleep
and Stop mode current
• A high side (HS) switch output driver for controlling external circuitry.
• Pb-free packaging designated by suffix code EG and EP
Figure 1. 33742 Simplified Application Diagram
SYSTEM BASIS CHIP
33742
33742S
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33742DW/R2
-40°C to 125°C
28 SOICW
MCZ33742EG/R2
MC33742SDW/R2
MCZ33742SEG/R2
MC33742EP/R2
48 QFN
DW SUFFIX
EG SUFFIX (PB-FREE)
98ASB42345B
28-PIN SOICW
EP SUFFIX
(PB-FREE)
98ASA10825D
48-PIN QFN
33742
VPWR
5.0V
VSUP
VDD
MCU
CS
SCLK
MOSI
MISO
GND
SPI
CS
SCLK
MOSI
MISO
RST
INT
TXD
RXD
GND
CANL
CANH
HS
WDOG
L0
L1
L2
L3
V2
V2CTRL
Twisted
Pair
CAN Bus
V2
VPWR
Safe
Circuitry
ECU Local
Circuitry


Similar Part No. - 33742

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33742 MOTOROLA-33742 Datasheet
1Mb / 52P
System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
33742S MOTOROLA-33742S Datasheet
1Mb / 52P
System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Freescale Semiconductor...
33742S FREESCALE-33742S Datasheet
2Mb / 65P
System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
More results

Similar Description - 33742

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
System Basis Chip With High Speed CAN Transceiver
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
System Basis Chip with High Speed CAN Transceiver
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
33989 FREESCALE-33989 Datasheet
2Mb / 66P
System Basis Chip with High-Speed CAN Transceiver
logo
NXP Semiconductors
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
High-speed CAN core system basis chip
Rev. 02-27 May 2010
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com