Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33742 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33742
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LOGIC INPUT PINS
(MOSI, SCLK, CS)
High-level Input Voltage
VIH
0.7 VDD
—
VDD + 0.3
V
Low-level Input Voltage
VIL
-0.3
—
0.3 VDD
V
High-level Input Current on CS
VIN = 4.0V
IIH
-100
—
-20
μA
Low-level Input Current on CS
VIN = 1.0V
IIL
-100
—
-20
μA
MOSI and SCLK Input Current
0V < VIN < VDD
IIN
-10
—
10
μA
OUTPUT PIN
(RST)(23)
High-level Output Current
0V < VOUT < 0.7 VDD
IOH
-300
-250
-150
μA
Low-level Output Voltage
IO = 1.5mA, 5.5V < VSUP < 27V
IO = 0mA, 1.0V <VSUP < 5.5V
VOL
0.0
0.0
—
—
0.9
0.9
V
RST Pulldown Current
V > 0.9V
IPDW
2.3
—
5.0
mA
OUTPUT PIN
(WDOG)(24)
Low-level Output Voltage
IO = 1.5mA, 1.0V < VSUP < 27V
VOL
0.0
—
0.9
V
High-level Output Voltage
IO = -250μA
VOH
VDD-0.9
—
VDD
V
OUTPUT PIN (INT)(24)
Low-level Output Voltage
IO = 1.5 mA
VOL
0.0
—
0.9
V
High-level Output Voltage
IO = -250μA
VOH
VDD -0.9
—
VDD
V
Notes
23.
Output pin only. Supply from VDD. Structure switch to ground with pullup current source.
24.
Push-pull structure.
Table 5. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75V
≤ V2 ≤ 5.25V, 5.5V ≤ VSUP ≤ 18V, and -40°C ≤ TA ≤ 125°C. Typical values noted
reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com