Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33742 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
49
33742
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
RESET CONTROL REGISTER (RCR)
Tables 18
and 19 contain various Reset Control Register information.
CAN REGISTER (CAN)
Tables 20 through 23 contain the information on the CAN register. Table 20 describes control of the high-speed CAN module,
mode, slew rate, and wake-up.
Table 18. Reset Control Register
RCR
R/W
D3
D2
D1
D0
$001b
W
WDSTOP
NOSTOP
CAN SLEEP
RSTTH
R
Reset Value
–
1
0
0
0
Reset Condition
(Write)(56)
–
POR, RESET, STO2NR
POR, NR2N, NR2STB
POR, NR2N, NR2STB
POR
Notes
56.
See Table 13 page 47, for definitions of reset conditions.
Table 19. Reset Control Register Control Bits
Name
Logic
Description
WDSTOP
0
No Watchdog in Stop mode.
1
Watchdog runs in Stop mode.
NOSTOP
0
Device cannot enter Sleep mode.
1
Sleep mode allowed. Device can enter Sleep mode.
CAN SLEEP
0
CAN Sleep mode disable (despite D0 bit in CAN register).
1
CAN Sleep mode enabled (in addition to D0 in CAN register).
RSTTH
0
Reset Threshold 1 selected (typ 4.6V).
1
Reset Threshold 2 selected (typ 4.2V).
Table 20. CAN Register
CAN
R/W
D3
D2
D1
D0
$010b
W
CANCLR
SC1
SC0
MODE
R
CANWU
CAN-F
CAN-UF
THERM-CUR
Reset Value
–
0
0
0
1
Reset Condition
(Write)(57)
–
POR
POR
POR
NR2N, STB2N
Notes
57.
See Table 13, page 47, for definitions of reset conditions.
Table 21. CANCLR Control Bits
Logic
Description
0
No effect.
1
Re-enables CAN driver after TXD permanent dominant or RXD permanent recessive failure occurred. Failure
recovery conditions must occur to re-enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com