Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599_0807 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6599_0807
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599_0807 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6599_0807 Datasheet HTML 14Page - STMicroelectronics L6599_0807 Datasheet HTML 15Page - STMicroelectronics L6599_0807 Datasheet HTML 16Page - STMicroelectronics L6599_0807 Datasheet HTML 17Page - STMicroelectronics L6599_0807 Datasheet HTML 18Page - STMicroelectronics L6599_0807 Datasheet HTML 19Page - STMicroelectronics L6599_0807 Datasheet HTML 20Page - STMicroelectronics L6599_0807 Datasheet HTML 21Page - STMicroelectronics L6599_0807 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Application information
L6599
18/36
7.2
Operation at no load or very light load
When the resonant half-bridge is lightly loaded or unloaded at all, its switching frequency will
be at its maximum value. To keep the output voltage under control in these conditions and to
avoid losing soft-switching, there must be some significant residual current flowing through
the transformer's magnetizing inductance. This current, however, produces some
associated losses that prevent converter's no-load consumption from achieving very low
values.
To overcome this issue, the L6599 enables the designer to make the converter operate
intermittently (burst-mode operation), with a series of a few switching cycles spaced out by
long idle periods where both MOSFETs are in OFF-state, so that the average switching
frequency can be substantially reduced. As a result, the average value of the residual
magnetizing current and the associated losses will be considerably cut down, thus
facilitating the converter to comply with energy saving recommendations.
The device can be operated in burst-mode by using pin 5 (STBY): if the voltage applied to
this pin falls below 1.25V the IC will enter an idle state where both gate-drive outputs are
low, the oscillator is stopped, the soft-start capacitor CSS keeps its charge and only the 2V
reference at RFmin pin stays alive to minimize IC's consumption and VCC capacitor's
discharge. The IC will resume normal operation as the voltage on the pin exceeds 1.25V by
50mV.
To implement burst-mode operation the voltage applied to the STBY pin needs to be related
to the feedback loop. Figure 23 shows the simplest implementation, suitable with a narrow
input voltage range (e.g. when there is a PFC front-end).
Figure 23. Burst-mode implementation: narrow input voltage range.
Figure 24. Burst-mode implementation: wide input voltage range.
L6599
STBY
4
5
RFmin
RFmin
RFmax
RFmin
RFmax
L6599
L6599
STBY
4
5
RFmin
RFmin
RFmax
7
LINE
RA
B+
RB
RC
RD
RA + RB >> RC
RC
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com