Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599_0807 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6599_0807
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599_0807 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6599_0807 Datasheet HTML 15Page - STMicroelectronics L6599_0807 Datasheet HTML 16Page - STMicroelectronics L6599_0807 Datasheet HTML 17Page - STMicroelectronics L6599_0807 Datasheet HTML 18Page - STMicroelectronics L6599_0807 Datasheet HTML 19Page - STMicroelectronics L6599_0807 Datasheet HTML 20Page - STMicroelectronics L6599_0807 Datasheet HTML 21Page - STMicroelectronics L6599_0807 Datasheet HTML 22Page - STMicroelectronics L6599_0807 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
L6599
Application information
19/36
Essentially, RFmax will define the switching frequency fmax above which the L6599 will enter
burst-mode operation. Once fixed fmax, RFmax will be found from the relationship:
Note that, unlike the fmax considered in the previous section ("Chapter 7.1: Oscillator"), here
fmax is associated to some load PoutB greater than the minimum one. PoutB will be such that
the transformer's peak currents are low enough not to cause audible noise.
Resonant converter's switching frequency, however, depends also on the input voltage;
hence, in case there is quite a large input voltage range with the circuit of Figure 23 the
value of PoutB would change considerably. In this case it is recommended to use the
arrangement shown in Figure 24 where the information on the converter's input voltage is
added to the voltage applied to the STBY pin. Due to the strongly non-linear relationship
between switching frequency and input voltage, it is more practical to find empirically the
right amount of correction RA / (RA + RB) needed to minimize the change of PoutB. Just be
careful in choosing the total value RA + RB much greater than RC to minimize the effect on
the LINE pin voltage (see Chapter 7.6: Line sensing function).
Whichever circuit is in use, its operation can be described as follows. As the load falls below
the value PoutB the frequency will try to exceed the maximum programmed value fmax and
the voltage on the STBY pin (VSTBY) will go below 1.25V. The IC will then stop with both
gate-drive outputs low, so that both MOSFETs of the half-bridge leg are in OFF-state. The
voltage VSTBY will now increase as a result of the feedback reaction to the energy delivery
stop and, as it exceeds 1.3V, the IC will restart switching. After a while, VSTBY will go down
again in response to the energy burst and stop the IC. In this way the converter will work in a
burst-mode fashion with a nearly constant switching frequency. A further load decrease will
then cause a frequency reduction, which can go down even to few hundred hertz. The timing
diagram of Figure 25 illustrates this kind of operation, showing the most significant signals.
A small capacitor (typically in the hundred pF) from the STBY pin to ground, placed as close
to the IC as possible to reduce switching noise pick-up, will help get clean operation.
To help the designer meet energy saving requirements even in power-factor-corrected
systems, where a PFC pre-regulator precedes the DC-DC converter, the device allows that
the PFC pre-regulator can be turned off during burst-mode operation, hence eliminating the
no-load consumption of this stage (0.5
÷ 1W). There is no compliance issue in that because
EMC regulations on low-frequency harmonic emissions refer to nominal load, no limit is
envisaged when the converter operates with light or no load.
To do so, the device provides pin 9 (PFC_STOP): it is an open collector output, normally
open, that is asserted low when the IC is idle during burst-mode operation. This signal will
be externally used for switching off the PFC controller and the pre-regulator as shown in
Figure 26 When the L6599 is in UVLO the pin is kept open, to let the PFC controller start
first.
RF
max
3
8
---
RF
min
f
max
f
min
-----------
1
–
---------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com