Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599_0807 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6599_0807
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599_0807 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6599_0807 Datasheet HTML 28Page - STMicroelectronics L6599_0807 Datasheet HTML 29Page - STMicroelectronics L6599_0807 Datasheet HTML 30Page - STMicroelectronics L6599_0807 Datasheet HTML 31Page - STMicroelectronics L6599_0807 Datasheet HTML 32Page - STMicroelectronics L6599_0807 Datasheet HTML 33Page - STMicroelectronics L6599_0807 Datasheet HTML 34Page - STMicroelectronics L6599_0807 Datasheet HTML 35Page - STMicroelectronics L6599_0807 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Application information
L6599
32/36
Table 5.
EVAL6599-90W demo board, 90W adapter with L6563 & L6599: evaluation
data
Vin = 115Vac
Vin = 230Vac
Vout
Iout
Pout
Pin
Eff.
Vout
Iout
Pout
Pin
Eff.
[V]
[A]
[W]
[W]
%
[V]
[A]
[W]
[W]
%
18.95
4.71
89.25
99.13
90.04
18.95
4.71
89.25
97.23
91.80
18.95
3.72
70.49
78.00
90.38
18.96
3.72
70.53
76.74
91.91
18.97
2.7
51.22
56.55
90.57
18.97
2.7
51.22
55.85
91.71
18.98
1.71
32.46
36.00
90.16
18.98
1.71
32.46
35.57
91.24
18.99
1.0
18.99
21.70
87.51
18.99
1.0
18.99
21.30
89.15
18.99
0.5
9.50
11.30
84.03
19.00
0.5
9.50
10.87
87.40
19.00
0.25
4.75
5.86
81.06
19.00
0.25
4.75
5.77
82.32
19.01
0.080
1.52
3
50.70
19.01
0.080
1.52
2.4
63.37
19.01
0.053
1.01
2
50.38
19.01
0.053
1.01
1.68
59.97
19.01
0.027
0.51
1.08
47.53
19.01
0.027
0.51
1
51.33
19.01
0.013
0.25
0.66
37.44
19.01
0.013
0.25
0.67
36.89
19.01
0
0
0.28
---
19.01
0
0
0.34
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com