Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599_0807 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6599_0807
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599_0807 Datasheet(HTML) 4 Page - STMicroelectronics

  L6599_0807 Datasheet HTML 1Page - STMicroelectronics L6599_0807 Datasheet HTML 2Page - STMicroelectronics L6599_0807 Datasheet HTML 3Page - STMicroelectronics L6599_0807 Datasheet HTML 4Page - STMicroelectronics L6599_0807 Datasheet HTML 5Page - STMicroelectronics L6599_0807 Datasheet HTML 6Page - STMicroelectronics L6599_0807 Datasheet HTML 7Page - STMicroelectronics L6599_0807 Datasheet HTML 8Page - STMicroelectronics L6599_0807 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Pin Settings
L6599
4/36
2
Pin Settings
2.1
Connection
Figure 1.
Pin Connection (Top view)
2.2
Functions
GND
Css
DELAY
STBY
ISEN
LINE
LVG
VBOOT
HVG
N.C.
Vcc
PFC_STOP
OUT
DIS
CF
RFmin
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Table 1.
Pin functions
N.
Name
Function
1CSS
Soft start. This pin connects an external capacitor to GND and a resistor to RFmin (pin 4)
that set both the maximum oscillator frequency and the time constant for the frequency shift
that occurs as the chip starts up (soft-start). An internal switch discharges this capacitor
every time the chip turns OFF (VCC < UVLO, LINE < 1.25V or > 6V, DIS > 1.85V, ISEN >
1.5V, DELAY > 3.5V) to make sure it will be soft-started next, and when the voltage on the
current sense pin (ISEN) exceeds 0.8V, as long as it stays above 0.75V.
2DELAY
Delayed shutdown upon overcurrent. A capacitor and a resistor are connected from this pin
to GND to set both the maximum duration of an overcurrent condition before the IC stops
switching and the delay after which the IC restarts switching. Every time the voltage on the
ISEN pin exceeds 0.8V the capacitor is charged by an internal 150µA current generator and
is slowly discharged by the external resistor. If the voltage on the pin reaches 2V, the soft
start capacitor is completely discharged so that the switching frequency is pushed to its
maximum value and the 150µA is kept always on. As the voltage on the pin exceeds 3.5V
the IC stops switching and the internal generator is turned OFF, so that the voltage on the
pin will decay because of the external resistor. The IC will be soft-restarted as the voltage
drops below 0.3V. In this way, under short circuit conditions, the converter will work
intermittently with very low input average power.
3CF
Timing capacitor. A capacitor connected from this pin to GND is charged and discharged by
internal current generators programmed by the external network connected to pin 4 (RFmin)
and determines the switching frequency of the converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com