Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6668 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6668_06 Datasheet HTML 14Page - STMicroelectronics L6668_06 Datasheet HTML 15Page - STMicroelectronics L6668_06 Datasheet HTML 16Page - STMicroelectronics L6668_06 Datasheet HTML 17Page - STMicroelectronics L6668_06 Datasheet HTML 18Page - STMicroelectronics L6668_06 Datasheet HTML 19Page - STMicroelectronics L6668_06 Datasheet HTML 20Page - STMicroelectronics L6668_06 Datasheet HTML 21Page - STMicroelectronics L6668_06 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
L6668
18/23
Figure 43 shows a timing diagram where the PFC_STOP function operation is illustrated under different
operating conditions.
Figure 42. How the L6668 can switch off a PFC controller at light load
Figure 43. Operation of PFC_STOP function
Figure 44. Operation after DIS pin activation: timing diagram
L6668
PFC_STOP
14
16
Vcc
10 k
Ω
BC557
2.2 k
Ω
PFC
controller
Vcc
8.2 V
L6668
PFC_STOP
14
16
Vcc
10 k
Ω
BC557
2.2 k
Ω
PFC
controller
Vcc
8.2 V
Vcc
PFC_STOP
OUT
VccON
VccOFF
t
t
t
t
PFC
Gate
Drive
t
COMP
2.2V
2.7V
Start-up
Full-load
Light-load
Full-load
Vcc
OUT
Vin
VccON
VccON -0.5
t
t
t
t
2.2V
VccOFF
DIS
Vccrest
VHVstart
HV generator is turned on
Disable latch is reset here
HV generator is disabled here
Input source is removed here
Vcc
OUT
Vin
VccON
VccON -0.5
t
t
t
t
2.2V
VccOFF
DIS
Vccrest
VHVstart
HV generator is turned on
Disable latch is reset here
HV generator is disabled here
Input source is removed here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com