Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6668 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6668_06 Datasheet HTML 15Page - STMicroelectronics L6668_06 Datasheet HTML 16Page - STMicroelectronics L6668_06 Datasheet HTML 17Page - STMicroelectronics L6668_06 Datasheet HTML 18Page - STMicroelectronics L6668_06 Datasheet HTML 19Page - STMicroelectronics L6668_06 Datasheet HTML 20Page - STMicroelectronics L6668_06 Datasheet HTML 21Page - STMicroelectronics L6668_06 Datasheet HTML 22Page - STMicroelectronics L6668_06 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
L6668
20/23
Figure 46. Typical Application: 80W, WRM flyback; Electrical Schematic
Table 6. Light load measurements on the circuit of figure 46
Output power
Test condition
Input power
Pout = 0.5 W
Vin= 110 Vac
0.71 W
Vin= 230 Vac
0.86 W
Pout = 0 W
Vin= 110 Vac
0.09 W
Vin= 230 Vac
0.17 W
88 to264
Vac
BD1
DF04M
C1
100 µF
400 V
4
R710
Ω
12
R12 1k
Ω
R13A,B
0.56
1/2W
5
7
10
R4
330 k
Ω
815
16
C5
3.3 nF
R8
4.03 k
Ω
11
Q1
STP9NK65
C8A,B,C
680 µF
25 V
GND
L6668
C12
2.2 nF
Y1
D2
STTH1L06
R3 10
Ω
R5 47k
Ω
C2
47 µF
25 V
9
1
S-COMP
VREF
C4
100 nF
C6
56 nF
RCT
SS
R1
3 M
Ω
3
GND
ISEN
OUT
HV
VCC
DIS
COMP
SKIPADJ
T1
18V/4.5A
13
STBY
1
2
3
R15
1.2 k
Ω
R14
4.3 k
Ω
R18
1.3 k
Ω
C7
2.2 nF
C3 100 nF
C10
100 nF
R9
6.2 k
Ω
R17
8.06 k
Ω
R16
47 k
Ω
D3 1N4148
D4
STPS20150CT
R2
3 M
Ω
OC1
PC817A
TL431
N1
56T
N2
10T
N3
8T
F1 T2A250V
NTC1
R6
9.1 k
Ω
C9
100 nF
J1
J2
D1
1.5KE200
6
N.C.
R10
82.5 k
Ω
R11
47 k
Ω
OC1
PC817A
T1: CORE E32/16/9, N67
PRIM. IND. 430
µH; lgap = 1mm
88 to264
Vac
BD1
DF04M
C1
100 µF
400 V
4
R710
Ω
12
R12 1k
Ω
R13A,B
0.56
1/2W
5
7
10
R4
330 k
Ω
815
16
C5
3.3 nF
R8
4.03 k
Ω
11
Q1
STP9NK65
C8A,B,C
680 µF
25 V
GND
L6668
C12
2.2 nF
Y1
D2
STTH1L06
R3 10
Ω
R5 47k
Ω
C2
47 µF
25 V
9
1
S-COMP
VREF
C4
100 nF
C6
56 nF
RCT
SS
R1
3 M
Ω
3
GND
ISEN
OUT
HV
VCC
DIS
COMP
SKIPADJ
T1
18V/4.5A
13
STBY
1
2
3
R15
1.2 k
Ω
R14
4.3 k
Ω
R18
1.3 k
Ω
C7
2.2 nF
C3 100 nF
C10
100 nF
R9
6.2 k
Ω
R17
8.06 k
Ω
R16
47 k
Ω
D3 1N4148
D4
STPS20150CT
R2
3 M
Ω
OC1
PC817A
TL431
N1
56T
N2
10T
N3
8T
F1 T2A250V
NTC1
R6
9.1 k
Ω
C9
100 nF
J1
J2
D1
1.5KE200
6
N.C.
R10
82.5 k
Ω
R11
47 k
Ω
OC1
PC817A
T1: CORE E32/16/9, N67
PRIM. IND. 430
µH; lgap = 1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com