Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6668 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6668_06 Datasheet HTML 15Page - STMicroelectronics L6668_06 Datasheet HTML 16Page - STMicroelectronics L6668_06 Datasheet HTML 17Page - STMicroelectronics L6668_06 Datasheet HTML 18Page - STMicroelectronics L6668_06 Datasheet HTML 19Page - STMicroelectronics L6668_06 Datasheet HTML 20Page - STMicroelectronics L6668_06 Datasheet HTML 21Page - STMicroelectronics L6668_06 Datasheet HTML 22Page - STMicroelectronics L6668_06 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19/23
L6668
4.7 Disable function
Latched OTP or OVP functions can be easily realized with the L6668: the IC is equipped with a compara-
tor whose non-inverting input is externally available on pin #7 (DIS), and whose inverting input is inter-
nally referenced to 2.2V.
As the voltage on the pin exceeds the threshold the IC is immediately shut down and its consumption re-
duced at a low value. The information is latched and it is necessary to let the voltage on the Vcc pin go
below the UVLO threshold to reset the latch and restart the IC.
To keep the latch supplied as long as the converter is connected to the input source, the HV generator is
activated periodically so that Vcc oscillates between the start-up threshold VccON and VccON - 0.5V. It is
then necessary to disconnect the converter from the input source to restart the IC. This operation is shown
in the timing diagram of figure 44. Activating the HV generator in this way cuts its power dissipation ap-
proximately by three and keeps peak silicon temperature close to the average value.
4.8 Slope compensation
A pin of the device (#15, S-COMP) provides a voltage ramp during MOSFET's ON-time which is a repeti-
tion of the oscillator sawtooth, buffered (0.8 mA min. capability) and level shifted down by one Vbe.
This ramp is intended for implementing additive slope compensation on current sense. This is needed to
avoid the sub-harmonic oscillation that arises in all peak-current-mode-controlled converters working in
continuous conduction mode with a duty cycle close to or exceeding 50%.
Figure 45. Slope compensation waveforms
The compensation will be realized by connecting a programming resistor between this pin and the current
sense input (pin 12, ISEN). The pin has to be connected to the sense resistor with another resistor to make
a summing node on the pin.
Since no ramp is delivered during MOSFET OFF-time (see figure 45), no external component other than
the programming resistor is needed to ensure a clean operation at light loads. If slope compensation is
not required the pin shall be left floating.
RCT
OUT
S-COMP
t
t
t
RCT
OUT
S-COMP
t
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com