Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6668 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 5 Page - STMicroelectronics

  L6668_06 Datasheet HTML 1Page - STMicroelectronics L6668_06 Datasheet HTML 2Page - STMicroelectronics L6668_06 Datasheet HTML 3Page - STMicroelectronics L6668_06 Datasheet HTML 4Page - STMicroelectronics L6668_06 Datasheet HTML 5Page - STMicroelectronics L6668_06 Datasheet HTML 6Page - STMicroelectronics L6668_06 Datasheet HTML 7Page - STMicroelectronics L6668_06 Datasheet HTML 8Page - STMicroelectronics L6668_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
L6668
REFERENCE VOLTAGE
VREF
Output voltage
(2) Tj = 25 °C; IREF = 1 mA
4.925
5
5.075
V
VREF
Total variation
Vcc= 9.4 to 22 V,
IREF = 1 to 5 mA
4.8
5.13
V
IREF
Short circuit current
VREF = 0
10
30
mA
Sink capability in UVLO
Vcc = 6V; Isink = 0.5 mA
0.2
0.5
V
PWM CONTROL
VCOMPH
Maximum level
ICOMP =0
5.5
V
ICOMP
Max. source current
VCOMP = 1 V
320
400
480
µA
RCOMP
Dynamic resistance
VCOMP = 2 to 4 V
22
k
Ω
Dmax
Maximum duty cycle
VCOMP = 5 V
70
75
%
Dmin
Minimum duty cycle
VCOMP = 1 V
0
%
CURRENT SENSE COMPARATOR
IISEN
Input Bias Current
VISEN = 0
-1
µA
tLEB
Leading Edge Blanking
After gate drive low-to-high
transition
160
225
290
ns
td(H-L)
Delay to Output
100
ns
Gain
3.56
3.75
3.94
V/V
VISENx
Maximum signal
VCOMP = 5 V
0.725
0.8
0.875
V
VISENdis
Hiccup-mode OCP level
(2)
1.35
1.5
1.65
V
STANDBY FUNCTION
Vdrop
VCOMP - VSTBY
ISTBY = 0.8 mA, VCOMP<3V
35
mV
Vth
Threshold on VCOMP
(2) Voltage falling
3V
Hysteresis
50
mV
LATCHED DISABLE FUNCTION
IDIS
Input Bias Current
VDIS = 0 to Vth
-1
µA
Vth
Disable threshold
(2) voltage rising
2.1
2.2
2.3
V
OSCILLATOR
fsw
Oscillation Frequency
Tj = 25°C, VCOMP = 5 V
95
100
105
kHz
Vcc = 9.4 to 22V, VCOMP = 5 V
93
100
107
kHz
Vpk
Oscillator peak voltage
(2)
2.85
3
3.15
V
Vvy
Oscillator valley voltage
(2)
0.8
0.95
1.1
V
SLOPE COMPENSATION
S-COMPpk Ramp peak
RS-COMP = 3 k
Ω to GND,
OUT pin high, VCOMP = 5V
1.6
1.75
1.9
V
S-COMPvy Ramp starting value
RS-COMP = 3 k
Ω to GND,
OUT pin high
0.15
0.35
0.55
V
Ramp voltage
OUT pin low
0
Source capability
VS-COMP = VS-COMPpk
0.8
mA
SOFT-START
ISSC
Charge current
Tj = 25 °C
14
20
26
µA
Table 5. Electrical Characteristcs (continued)
(Tj = 0 to 105°C, Vcc=15V, Co=1nF; RT =13.3k , CT =1nF; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com