Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER17LN Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER17LN
Description  Off-line high voltage converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17LN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER17LN Datasheet HTML 2Page - STMicroelectronics VIPER17LN Datasheet HTML 3Page - STMicroelectronics VIPER17LN Datasheet HTML 4Page - STMicroelectronics VIPER17LN Datasheet HTML 5Page - STMicroelectronics VIPER17LN Datasheet HTML 6Page - STMicroelectronics VIPER17LN Datasheet HTML 7Page - STMicroelectronics VIPER17LN Datasheet HTML 8Page - STMicroelectronics VIPER17LN Datasheet HTML 9Page - STMicroelectronics VIPER17LN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Electrical data
VIPER17
6/33
4
Electrical data
4.1
Maximum ratings
4.2
Thermal data
Table 4.
Absolute maximum ratings
Symbol
Pin
(DIP7)
Parameter
Value
Unit
VDRAIN
7, 8
Drain-to-source (ground) voltage
800
V
EAV
7, 8
Repetitive avalanche energy (limited by TJ = 150 °C)
2
mJ
IAR
7, 8
Repetitive avalanche current (limited by TJ = 150 °C)
1
A
IDRAIN
7, 8
Pulse drain current
2.5
A
VCONT
3
Control input pin voltage (with ICONT = 1 mA)
Self limited
V
VFB
4
Feed-back voltage
-0.3 to 5.5
V
VBR
5
Brown-out input pin voltage
2
V
VDD
2
Supply voltage (IDD = 25 mA)
Self limited
V
IDD
2
Input current
25
mA
PTOT
Power dissipation at TA < 50 °C
1
W
TJ
Operating junction temperature range
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
Table 5.
Thermal data
Symbol
Parameter
Max value
SO16N
Max value
DIP7
Unit
RthJP
Thermal resistance junction pin
35
40
°C/W
RthJA
Thermal resistance junction ambient (1)
1.
When mounted on a standard single side FR4 board with 100
μm2 (0.155 sq in) of Cu (35 μm thick)
80
90
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com