Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER17LN Datasheet(PDF) 16 Page - STMicroelectronics

Part # VIPER17LN
Description  Off-line high voltage converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17LN Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VIPER17LN Datasheet HTML 12Page - STMicroelectronics VIPER17LN Datasheet HTML 13Page - STMicroelectronics VIPER17LN Datasheet HTML 14Page - STMicroelectronics VIPER17LN Datasheet HTML 15Page - STMicroelectronics VIPER17LN Datasheet HTML 16Page - STMicroelectronics VIPER17LN Datasheet HTML 17Page - STMicroelectronics VIPER17LN Datasheet HTML 18Page - STMicroelectronics VIPER17LN Datasheet HTML 19Page - STMicroelectronics VIPER17LN Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Operation descriptions
VIPER17
16/33
7.3
Power-up and soft-start up
If the input voltage rises up till the device start level (VDRAIN_START), the VDD voltage begins
to grow due to the IDD_ch current (see Table 7 on page 7) coming from the internal high
voltage start up circuit. If the VDD voltage reaches VDDon threshold (~14 V) the power
MOSFET starts switching and the HV current generator is turned OFF. See Figure 23 on
page 17.
The IC is powered by the energy stored in the capacitor on the VDD pin, CVDD, until when
the self-supply circuit (typically an auxiliary winding of the transformer and a steering diode)
develops a voltage high enough to sustain the operation.
CVDD capacitor must be sized enough to avoid fast discharge and keep the needed voltage
value higher than VDDoff threshold. In fact, a too low capacitance value could terminate the
switching operation before the controller receives any energy from the auxiliary winding.
The following formula can be used for the VDD capacitor calculation:
Equation 1
The tSSaux is the time needed for the steady state of the auxiliary voltage. This time is
estimated by applicator according to the output stage configurations (transformer, output
capacitances, etc.).
During the converter start up time, the drain current limitation is progressively increased to
the maximum value. In this way the stress on the secondary diode is considerably reduced.
It also helps to prevent transformer saturation. The soft-start time lasts 8.5 ms and the
feature is implemented for every attempt of start up converter or after a fault.
Figure 22. Start up IDD current
C
VDD
I
DDch
t
SSaux
×
V
DDon
V
DDoff
–
----------------------------------------
=
-4 mA
-1 mA
-3 mA
-2 mA
1 mA
2 mA
VDDoff
VDDon
IDD0
VDS = 120V
FSW = 0 kHz
VDD
IDD
VDDrestart
IDD_OFF
IDD_FAULT
IDS_CH_FAULT
IDS_CH
AFTER FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com