Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER17LN Datasheet(PDF) 21 Page - STMicroelectronics

Part # VIPER17LN
Description  Off-line high voltage converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17LN Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VIPER17LN Datasheet HTML 17Page - STMicroelectronics VIPER17LN Datasheet HTML 18Page - STMicroelectronics VIPER17LN Datasheet HTML 19Page - STMicroelectronics VIPER17LN Datasheet HTML 20Page - STMicroelectronics VIPER17LN Datasheet HTML 21Page - STMicroelectronics VIPER17LN Datasheet HTML 22Page - STMicroelectronics VIPER17LN Datasheet HTML 23Page - STMicroelectronics VIPER17LN Datasheet HTML 24Page - STMicroelectronics VIPER17LN Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
VIPER17
Operation descriptions
21/33
7.9
About CONT pin
Referring to the Figure 27, through the CONT PIN, the below features can be implemented:
1.
Current Limit set point
2.
Over voltage protection on the converter output voltage
The Table9 on page21 referring to the Figure 27, lists the external resistance combinations
needed to activate one or plus of the CONT pin functions.
Figure 27. CONT pin configuration
7.10
Feed-back and over load protection (OLP)
The VIPER17 is a current mode converter: the feedback pin controls the PWM operation,
controls the burst mode and actives the overload protection of the device. Figure 28 on
page 23 and Figure 29 show the internal current mode structure.
With the feedback pin voltage between VFBbm and VFBlin, (respectively 0.5 V and 3.3 V,
typical values) the drain current is sensed and converted in voltage that is applied to the non
inverting pin of the PWM comparator.
This voltage is compared with the one on the feedback pin through a voltage divider on
cycle by cycle basis. When these two voltages are equal, the PWM logic orders the switch
off of the power MOSFET. The drain current is always limited to IDLIM value.
In case of overload the feedback pin increases in reaction to this event and when it goes
higher than VFBlin the drain current is limited or to the default IDLIM value or the one imposed
Table 9.
CONT pin configurations
Function / component
RLIM
(1)
1.
RLIM have to be fixed before RFF and ROVP
ROVP
DAUX
IDlim reduction
See Figure 8
No
No
OVP
≥ 80 KΩ
See Equation 4
Yes
IDlim reduction + OVP
See Figure 8
See Equation 4
Yes
Current Limit Comparator
To OVP Protection
Rov p
SOFT
START
CONT
Daux
Rlim
From SenseFET
Auxiliary
winding
To PWM Logic
OVP DETECTION
LOGIC
Curr. Lim.
BLOCK
OCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com