Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER17LN Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER17LN
Description  Off-line high voltage converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17LN Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER17LN Datasheet HTML 1Page - STMicroelectronics VIPER17LN Datasheet HTML 2Page - STMicroelectronics VIPER17LN Datasheet HTML 3Page - STMicroelectronics VIPER17LN Datasheet HTML 4Page - STMicroelectronics VIPER17LN Datasheet HTML 5Page - STMicroelectronics VIPER17LN Datasheet HTML 6Page - STMicroelectronics VIPER17LN Datasheet HTML 7Page - STMicroelectronics VIPER17LN Datasheet HTML 8Page - STMicroelectronics VIPER17LN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Block diagram
VIPER17
4/33
1
Block diagram
2
Typical power
Figure 2.
Block diagram
VDD
THERMAL
SHUTDOWN
6uA
LEB
&
OVP
LOGIC
SOFT
START
OCP
BLOCK
Ref
TURN-ON
LOGIC
DRAIN
SUPPLY
& UVLO
OTP
OLP
BURST
Internal Supply bus
BR
BURST-MODE
LOGIC
BURST
S
R1
R2
Q
UVLO
Vin_OK
OCP
Ref erence Voltages
OVP
15uA
Istart-up
OVP
Vcc
OSCILLATOR
FB
0.45V
HV_ON
OTP
.
GND
+
-
Rsense
CONT
+
-
PWM
2nd OCP
LOGIC
VDD
Table 2.
Typical power
Part number
230 VAC
85-265 VAC
Adapter(1)
Open frame(2)
Adapter(1)
Open frame(2)
VIPER17
9 W
12 W
5 W
7 W
1.
Typical continuous power in non ventilated enclosed adapter measured at 50 °C ambient.
2.
Maximum practical continuous power in an open frame design at 50 °C ambient, with adequate heat sinking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com