Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH24 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LNBH24
Description  Dual LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LNBH24 Datasheet HTML 7Page - STMicroelectronics LNBH24 Datasheet HTML 8Page - STMicroelectronics LNBH24 Datasheet HTML 9Page - STMicroelectronics LNBH24 Datasheet HTML 10Page - STMicroelectronics LNBH24 Datasheet HTML 11Page - STMicroelectronics LNBH24 Datasheet HTML 12Page - STMicroelectronics LNBH24 Datasheet HTML 13Page - STMicroelectronics LNBH24 Datasheet HTML 14Page - STMicroelectronics LNBH24 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LNBH24
Maximum ratings
11/30
4
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
These are stress ratings only and functional operation of the device at these conditions is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may
affect device reliability. All voltage values are with respect to network ground terminal.
Note:
1
The BYP pin is intended only to connect an external ceramic capacitor. Any connection of
this pin to external current or voltage sources may cause permanent damage to the device.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC-L, VCC DC power supply input voltage pins
-0.3 to 16
V
VUP
DC input voltage
-0.3 to 24
V
IO
Output current
Internally limited
VoRX
DC output pin voltage
-0.3 to 25
V
VoTX
Tone output pin voltage
-0.3 to 25
V
VI
Logic input voltage (TTX, SDA, SCL, DSQIN, EXTM, VCTRL, Address)
-0.3 to 7
V
LX
LX input voltage
-0.3 to 24
V
VDETIN
Detector input signal amplitude
2
VPP
VOH
Logic high output voltage (DSQOUT)
-0.3 to 7
V
VBYP
Internal reference pin voltage (Note 1)
-0.3 to 4.6
V
ISEL
Current selection pin voltage
-0.3 to 4.6
V
TSTG
Storage temperature range
-50 to 150
°C
TJ
Operating junction temperature range
-25 to 125
°C
ESD
ESD rating with Human Body Model (HBM) for all pins unless 8, 11,
25, 26, 31, 32
2
KV
ESD rating with Human Body Model (HBM) for pins 25, 26, 31, 32
4
ESD rating with Human Body Model (HBM) for pins 8, 11
0.6
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
2
°C/W
RthJA
Thermal resistance junction-ambient (PSSO-36) with device
soldered on 2s2p PC Board
30
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com