Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH24 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LNBH24
Description  Dual LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LNBH24 Datasheet HTML 12Page - STMicroelectronics LNBH24 Datasheet HTML 13Page - STMicroelectronics LNBH24 Datasheet HTML 14Page - STMicroelectronics LNBH24 Datasheet HTML 15Page - STMicroelectronics LNBH24 Datasheet HTML 16Page - STMicroelectronics LNBH24 Datasheet HTML 17Page - STMicroelectronics LNBH24 Datasheet HTML 18Page - STMicroelectronics LNBH24 Datasheet HTML 19Page - STMicroelectronics LNBH24 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LNBH24 software description
LNBH24
16/30
7
LNBH24 software description
The LNBH24 I2C interface controls both the IC sections A and B depending on the address
sent before the DATA byte. The description below is valid for both sections.
7.1
Interface protocol
The interface protocol comprises:
●
A start condition (S)
●
A chip address byte (the LSB bit determines read (=1)/write (=0) transmission)
●
A sequence of data (1 byte + acknowledge)
●
A stop condition (P)
ACK = Acknowledge
S = Start
P = Stop
R/W = 1/0, Read/Write bit
X = 0/1, two addresses for each section selectable by ADDR-A/B pins (see Table 10)
7.2
System register (SR, 1 Byte for each section A and B)
Write = control bits functions in write mode
Read = diagnostic bits in read mode.
All bits reset to 0 at power on
7.3
Transmitted data (I²C bus write mode) for each section A/B
When the R/W bit in the section address is set to 0, the main MCU can write on the system
register (SR) of the relative section (A or B, depending on the 7 bit address value) via I2C
BUS. All and 8 bits are available and can be written by the MCU to control the device
functions as per the below Table 6.
Section address (A or B)
Data
MSB
LSB
MSB
LSB
S
0
0
0
1
0
X
X
R/W ACK
ACK
P
Mode
MSB
LSB
Write
PCL
TTX
TEN
LLC
VSEL
EN
ITEST
AUX
Read
IMON
VMON
TMON
LLC
VSEL
EN
OTF
OLF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com