Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH24 Datasheet(PDF) 18 Page - STMicroelectronics

Part # LNBH24
Description  Dual LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LNBH24 Datasheet HTML 14Page - STMicroelectronics LNBH24 Datasheet HTML 15Page - STMicroelectronics LNBH24 Datasheet HTML 16Page - STMicroelectronics LNBH24 Datasheet HTML 17Page - STMicroelectronics LNBH24 Datasheet HTML 18Page - STMicroelectronics LNBH24 Datasheet HTML 19Page - STMicroelectronics LNBH24 Datasheet HTML 20Page - STMicroelectronics LNBH24 Datasheet HTML 21Page - STMicroelectronics LNBH24 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LNBH24 software description
LNBH24
18/30
Note:
Values are typical unless otherwise specified.
7.5
Power-ON I²C interface reset
The I²C interface built in the LNBH24 is automatically reset at power-ON. As long as the VCC
stays below the undervoltage lockout (UVL) threshold (6.7 V), the interface will not respond
to any I²C command and the system registers (SR) are initialized to all zeroes, thus keeping
the power blocks disabled. Once the VCC rises above 7.3 V typ. The I²C interface becomes
operative and the SRs can be configured by the main MCU. This is due to 500 mV
hysteresis provided in the UVL threshold to avoid false re-triggering of the power-ON reset
circuit.
7.6
Address pin
For each section of the LNBH24 it is possible to select two I²C interface addresses by
means of the relevant ADDR pin. The ADDR pins are TTL-compatible and can be set as per
address pins characteristics Table 10.
7.7
DiSEqC™ implementation for each section A/B
LNBH24 helps system designer to implement the bi-directional DiSEqC 2.0 protocol by
allowing easy PWK modulation/demodulation of the 22 kHz carrier. Between the LNBH24
and the main MCU the PWK data is exchanged using logic levels that are compatible with
both 3.3 V and 5 V MCU. This data exchange is made through two dedicated pins, DSQIN
and DSQOUT, in order to maintain the timing relationships between the PWK data and the
PWK modulation as accurate as possible. These two pins should be directly connected to
two I/O pins of the MCU, thus leaving to the firmware the task of encoding and decoding the
PWK data in accordance with the DiSEqC protocol. Full compliance of the system to the
specification is thus not implied by the bare use of the LNBH24. The system designer should
also take in consideration the bus hardware requirements, which can be simply
accomplished by the R-L termination connected on the VOUT pins of the LNBH24, as shown
in the typical application circuits in Figure 4. To avoid any losses due to the R-L impedance
during the tone transmission, LNBH24 has dedicated Tone output (VoTX) that is connected
after the filter and must be enabled by setting the TTX function to HIGH only during the tone
transmission (see DiSEqC 2.0 implementation in sections 2.2 and 2.3). Also unidirectional
DiSEqC 1.x and non-DiSEqC system need this termination connected through a bypass
capacitor and after an R-L filter with 15
Ω in parallel with a 220 µH-270 µH inductor.
However, there is no need for tone decoding, so the DETIN and DSQOUT pins can be left
connected to GND.
Table 7.
Register
IMON
VMON
TMON
LLC
VSEL
EN
OTF
OLF
Function
These bits are read
exactly the same as
they were left after
last write operation
0TJ < 135°C, normal operation
1TJ > 150°C, power blocks disabled
0IO < IOMAX, normal operation
1IO > IOMAX, Overload Protection triggered
0/1
0/1
0/1
These bits are set to 1 if the relative parameter
is out of the specification limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com