Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH24 Datasheet(PDF) 21 Page - STMicroelectronics

Part # LNBH24
Description  Dual LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LNBH24 Datasheet HTML 17Page - STMicroelectronics LNBH24 Datasheet HTML 18Page - STMicroelectronics LNBH24 Datasheet HTML 19Page - STMicroelectronics LNBH24 Datasheet HTML 20Page - STMicroelectronics LNBH24 Datasheet HTML 21Page - STMicroelectronics LNBH24 Datasheet HTML 22Page - STMicroelectronics LNBH24 Datasheet HTML 23Page - STMicroelectronics LNBH24 Datasheet HTML 24Page - STMicroelectronics LNBH24 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LNBH24
Electrical characteristics
21/30
NB: if the output voltage is lower than the min. value the VMON I²C bit is set to 1.
When VSEL=0: If VMON=0 then VO>85% of VO typ.; If VMON=1 then VO<95% of VO typ.
When VSEL=1: If VMON=0 then VO>84% of VO typ.; If VMON=1 then VO<96% of VO typ.
NB: if the output current is lower than the min. threshold limit the IMON I²C bit is set to 1. If the output current is
higher than the max threshold limit the IMON I²C bit is set to 0.
Table 10.
Address pins characteristics (TJ from 0 to 85 °C, VI = 12 V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Section “A” address selection
VADDR-A1
"0001000(R/W)" Address pin
voltage range for section A
R/W bit determines the transmission
mode: read (R/W=1) write (R/W=0)
00.8
V
VADDR-A2
"0001001(RW)" Address pin
voltage range for section A
R/W bit determines the transmission
mode: read (R/W=1) write (R/W=0)
25
V
Section “B” address selection
VADDR-B1
"0001010(R/W)" Address pin
voltage range for section B
R/W bit determines the transmission
mode: read (R/W=1) write (R/W=0)
00.8
V
VADDR-B2
"0001011(RW)" Address pin
voltage range for section B
R/W bit determines the transmission
mode: read (R/W=1) write (R/W=0)
25
V
Table 11.
Output voltage diagnostic (VMON bit) characteristics of sections A/B
(refer to the typical application circuit in Figure 4, TJ from 0 to 85 °C, EN=1,
VSEL=LLC=TEN=PCL=ITEST=TTX=AUX=0, RSEL = 11 kΩ, DSQIN=LOW, VI=12 V, IO = 50
mA, unless otherwise stated. Typical values are referred to TJ = 25 °C. VO=VoRX pin voltage.
See software description section for I²C access to the system register)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VTH-L
Diagnostic low threshold at
VO=13.4V typ.
EN=1, VSEL=0
LLC=0
85
90
95
%
VTH-L
Diagnostic low threshold at
VO=18.5V typ.
EN=VSEL=1
LLC=0
84
90
96
%
Table 12.
Minimum output current diagnostic (IMON bit) characteristics of sections A/B
(refer to the typical application circuit in Figure 4, TJ from 0 to 85 °C, EN=1,
VSEL=LLC=TEN=PCL=TTX=0, DSQIN=LOW, RSEL = 11 kΩ, VI = 12 V, IO = 50 mA, unless
otherwise stated. Typical values are referred to TJ = 25 °C. VO=VoRX pin voltage. See
software description section for I²C access to the system register)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ITH
Minimum current diagnostic
threshold
ITEST=1, AUX=0/1
5
12
20
mA
ITEST=0, AUX=0/1
2.5
6
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com